Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4544 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 16Page - STMicroelectronics AN4544 Datasheet HTML 17Page - STMicroelectronics AN4544 Datasheet HTML 18Page - STMicroelectronics AN4544 Datasheet HTML 19Page - STMicroelectronics AN4544 Datasheet HTML 20Page - STMicroelectronics AN4544 Datasheet HTML 21Page - STMicroelectronics AN4544 Datasheet HTML 22Page - STMicroelectronics AN4544 Datasheet HTML 23Page - STMicroelectronics AN4544 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Datasheet explanation
AN4544
20/35
DocID026535 Rev 1
Figure 15. Output characteristics
If crossover point is well below IC operation range (like the STGW40V60DF), the IGBT has a
positive temperature coefficient.
This crossover point is a function of device’s geometry.
2.5.2
Forward on-voltage (VF)
Diode forward voltage is specified under the maximum IF (diode continuous forward current
@ TC=100 °C) and at case temperatures of 25 °C and 100 °C.
Figure 16. Forward on-voltage
2.5.3
Collector cut-off current (ICES)
This is the leakage current flowing from collector-to-emitter when the device is off, at a
specified collector-to-emitter and gate-emitter voltage. This parameter is a function of VCES
and TJ. ICES increases basing on VCES and TJ rise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com