Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4544 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4544
Description  IGBT datasheet tutorial
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4544 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4544 Datasheet HTML 23Page - STMicroelectronics AN4544 Datasheet HTML 24Page - STMicroelectronics AN4544 Datasheet HTML 25Page - STMicroelectronics AN4544 Datasheet HTML 26Page - STMicroelectronics AN4544 Datasheet HTML 27Page - STMicroelectronics AN4544 Datasheet HTML 28Page - STMicroelectronics AN4544 Datasheet HTML 29Page - STMicroelectronics AN4544 Datasheet HTML 30Page - STMicroelectronics AN4544 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
DocID026535 Rev 1
27/35
AN4544
Datasheet explanation
35
2.7.1
Turn-on delay time (td(on))
It is defined as the time from VGE = 10% to IC = 10% of its final value. During this time the
MOSFET channel is formed.
2.7.2
Current rise time (tr)
It is the time of IC to increase from 10% to 90% of its final value. The rise time is influenced
by the IGBT gate characteristics.
2.7.3
Turn-on current (di/dt(on)) and voltage slope (dv/dt(on))
It is the rate of rise of current (di/dt) and voltage (dv/dt) during turn-on. Both of slopes can be
controlled by changing the gate resistance. In particular switching transients are reduced as
the gate resistance increases.
2.7.4
Turn-off delay time (td(off))
It is defined as the time from VGE = 90% of its initial value to IC = 90% of its initial value.
During this time the MOSFET channel is removed and further supply of electrons from the
emitter is cut.
2.7.5
Fall time (tf)
it defined as the time between IC = 90% to 10% of its initial value. The fall time also includes
the tail period which stands for the time taken to recombine excess charges stored in N-
region. A high current tail introduces high switching losses and limits the operating
frequency of the device.
2.7.6
Switching energy (Eon) and (Eoff)
The switching time is not sufficient to calculate the switching loss, as there is a region where
some switching losses occur although they are not specifically included in the switching
time.
Figure 23. Switching times vs. collector current
Figure 24. Switching times vs. gate resistance
t(ns)
0
IC(A)
20
40
10
60
80
VCC=400V,
Tj=175°C,
VGE=15V
Rg=10Ω
tdoff
tdon
100
tr
tf
AM17403v1
t(ns)
0
Rg(Ω)
10
20
10
30
40
VCC=400V
Tj=175°C
VGE=15V
IC=40A
tdoff
tdon
100
tr
tf
1000
AM17404v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com