Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1483 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 3Page - STMicroelectronics UM1483 Datasheet HTML 4Page - STMicroelectronics UM1483 Datasheet HTML 5Page - STMicroelectronics UM1483 Datasheet HTML 6Page - STMicroelectronics UM1483 Datasheet HTML 7Page - STMicroelectronics UM1483 Datasheet HTML 8Page - STMicroelectronics UM1483 Datasheet HTML 9Page - STMicroelectronics UM1483 Datasheet HTML 10Page - STMicroelectronics UM1483 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
UM1483
System introduction
Doc ID 022398 Rev 1
7/35
2.3
Safety and operating instructions
2.3.1
General terms
Warning:
During assembly, testing, and normal operation, the
demonstration board poses several inherent hazards,
including bare wires, moving or rotating parts and hot
surfaces. There is danger of serious personal injury and
damage to property if the kit or components are improperly
used or installed incorrectly. The kit is not electrically
isolated from the AC/DC input. The demonstration board is
directly linked to the mains voltage. No insulation is ensured
between the accessible parts and the high voltage. All
measuring equipment must be isolated from the mains before
powering the board. When using an oscilloscope with the
demo, it must be isolated from the AC line. This prevents
shock from occurring as a result of touching any single point
in the circuit, but does NOT prevent shock when touching two
or more points in the circuit. Do not touch the demonstration
board after disconnection from the voltage supply; several
parts and power terminals, which contain energized
capacitors, must be allowed to discharge.
All operations involving transportation, installation and use, as well as maintenance, are to
be carried out by skilled technical personnel (national accident prevention rules must be
observed). For the purpose of these basic safety instructions, “skilled technical personnel”
are considered as suitably qualified people who are familiar with the installation, use, and
maintenance of power electronic systems.
2.3.2
Demonstration board intended use
The STEVAL-IHM036V1 demonstration board is designed for demonstration purposes only
and must not be used in final applications. The technical data, as well as information
concerning the power supply conditions, must only be taken from the relevant
documentation and must be strictly observed.
2.3.3
Demonstration board installation
The installation and cooling of the demonstration board must be in accordance with the
specifications and the targeted application.
●
The motor drive converters are protected against excessive strain. In particular, no
components are to be bent or isolating distances altered during the course of
transportation or handling.
●
No contact must be made with other electronic components and contacts.
●
The boards contain electrostatically sensitive components that are prone to damage
through improper use. Electrical components must not be mechanically damaged or
destroyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com