Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1483 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 26Page - STMicroelectronics UM1483 Datasheet HTML 27Page - STMicroelectronics UM1483 Datasheet HTML 28Page - STMicroelectronics UM1483 Datasheet HTML 29Page - STMicroelectronics UM1483 Datasheet HTML 30Page - STMicroelectronics UM1483 Datasheet HTML 31Page - STMicroelectronics UM1483 Datasheet HTML 32Page - STMicroelectronics UM1483 Datasheet HTML 33Page - STMicroelectronics UM1483 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Bill of material
UM1483
30/35
Doc ID 022398 Rev 1
SW4
SHORTED
TP1, TP2, TP3, TP4,
TP5, TP6, TP7, TP8
Test points
Any
T1
CM_choke 12 mH
Würth Elektronik
744 622 1012
U1
VIPer16LD
STMicroelectronics
VIPer16LD
U2
L78L33ACU
STMicroelectronics
L78L33ACU
U3
STGIPN3H60
STMicroelectronics
STGIPN3H60
U4
STM32F100C6T6B
STMicroelectronics
STM32F100C6T6B
U5
Not assembled
STMicroelectronics
ST3485ECD
VR1
592-275; p-600 mW
Any
Y1
8 MHz
Any
Table 6.
Bill of material (continued)
Reference
Value / part number
Manufacturer
Manufacturer code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com