Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1483 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 25Page - STMicroelectronics UM1483 Datasheet HTML 26Page - STMicroelectronics UM1483 Datasheet HTML 27Page - STMicroelectronics UM1483 Datasheet HTML 28Page - STMicroelectronics UM1483 Datasheet HTML 29Page - STMicroelectronics UM1483 Datasheet HTML 30Page - STMicroelectronics UM1483 Datasheet HTML 31Page - STMicroelectronics UM1483 Datasheet HTML 32Page - STMicroelectronics UM1483 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
UM1483
Bill of material
Doc ID 022398 Rev 1
29/35
D11, D12
LED yellow
Any
F1 (A)
2 A
Any
F1 (B)
Fuse socket
Any
J1 (A), J2 (A)
Connector header
Würth Elektronik
691 313 710 003
J1 (B), J2 (B)
Connector vertical
Würth Elektronik
691 352 710 003
J3
Connector MLW10
Any
J4
Not assembled
J5
+15 V AUX.
Würth Elektronik
691 212 710 002
L1
470
μH
Würth Elektronik
744 741 471
L2
2.2 mH
Würth Elektronik
768 772 152
L3
100
μH
Panasonic
ELJFC101JF
NTC1
10
Ω
EPCOS
B57153S100M
RT1
10 k
Ω
EPCOS
B57471V2103J062
R1, R2
470 k
Ω
Any
R3
8k2
Any
R4
51 k
Any
R5
120 R
Any
R6
13 k
Ω
Any
R7
68 k
Ω
Any
R8
7.5 k
Ω
Any
R9
3.3 k
Ω
Any
R24
10 k
Ω
Any
R26, R28, R29, R31,
R32, R33, R34, R35
10 k
Ω
Any
R10, R11, R12, R13
1.6
Ω
Any
R14
Not assembled
Any
R15, R16, R23
1 k
Ω
Any
R17
18 k
Ω
Any
R18, R25
4.7 k
Ω
Any
R19, R20
6.2 k
Ω
Any
R21, R22
1 k
Ω
Any
R27
100
Ω
Any
R30
1 M
Ω
Any
R36, R37
1.6 k
Ω
Any
SW1
USER button
Any
Table 6.
Bill of material (continued)
Reference
Value / part number
Manufacturer
Manufacturer code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com