Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1483 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 17Page - STMicroelectronics UM1483 Datasheet HTML 18Page - STMicroelectronics UM1483 Datasheet HTML 19Page - STMicroelectronics UM1483 Datasheet HTML 20Page - STMicroelectronics UM1483 Datasheet HTML 21Page - STMicroelectronics UM1483 Datasheet HTML 22Page - STMicroelectronics UM1483 Datasheet HTML 23Page - STMicroelectronics UM1483 Datasheet HTML 24Page - STMicroelectronics UM1483 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
UM1483
Testing of the demonstration board
Doc ID 022398 Rev 1
21/35
As seen in Figure 9, the overall efficiency of the whole demonstration board STEVAL-
IHM036V1 is above to 90% for almost the whole range of the output power.
The temperature of the IGBT SLLIMM™ module STGIPN3H60 itself, for each load test with
electrical output power 25 W, 50 W, 75 W and 95 W, is also marked in the graph.
4.1
Hardware test results of EMC compliance with EN rules EMC
IEC 61000-4-4 burst immunity
The demonstration board STEVAL-IHM036V1 was tested to be pre-compliant with IEC
61000-4-4. Test conditions with results are listed below.
Test condition:
Ambient temperature: 25 °C
Air humidity:
50%
Supply voltage:
230 VAC
Testing motor as load; electric output power equal to 50 W
Test signal: according to IEC 61000-4-4:
Polarity:
positive/negative
Burst duration:
15 ms ± 20% at 5 kHz
Burst period:
300 ms ± 20%
Duration time:
minimum 1 minute
Applied to:
power supply lines (AC line - L and N; L and PE)
Conclusion:
Application functionality was not influenced by applied burst disturbance. The application
passed 2 kV burst testing (level 4 according to IEC 61000-4-4) with criteria A (without
functionality influence and without damage).
4.2
Hardware test results of EMC compliance with EN rules EMC
IEC 61000-4-5 surge tests
The demonstration board STEVAL-IHM036V1 was tested to be pre-compliant with IEC
61000-4-5. Test conditions with results are listed below.
Test condition:
Ambient temperature: 25 °C
Air humidity:
47%
Supply voltage:
230 VAC
Testing motor as load; electric output power equal to 50 W
Test signal: according to IEC 61000-4-5; level 3 (2 kV line to line, 2 kV line to earth):
Polarity:
positive/negative
Duration time 5 events; repetition 1 minute
Phase angle:
0, 90, 180 and 270 degrees
Applied to: differential mode (L line to N line)
common mode (AC line to PE earth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com