Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1483 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 5Page - STMicroelectronics UM1483 Datasheet HTML 6Page - STMicroelectronics UM1483 Datasheet HTML 7Page - STMicroelectronics UM1483 Datasheet HTML 8Page - STMicroelectronics UM1483 Datasheet HTML 9Page - STMicroelectronics UM1483 Datasheet HTML 10Page - STMicroelectronics UM1483 Datasheet HTML 11Page - STMicroelectronics UM1483 Datasheet HTML 12Page - STMicroelectronics UM1483 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
UM1483
Board description
Doc ID 022398 Rev 1
9/35
3
Board description
3.1
System architecture
A generic motor control system can be basically schematized as the arrangement of four
main blocks (see Figure 2).
●
Control block - its main task is to accept user commands and motor drive
configuration parameters. It provides all digital signals to implement the proper motor
driving strategy. The STM32F100C6T6B MCU belongs to the value line medium and
low density STM32 MCU family and was selected as the key component of the control
block.
●
Power block - it is based on 3-phase inverter topology. The heart of the power block is
the STGIPN3H60 small low-loss intelligent molded module which contains all the
necessary active components. Please refer to the STGIP3H60 datasheet for more
information.
●
Motor - The STEVAL-IHM036V1 demonstration board is able to properly drive any
PMSM up to 100 W of nominal power, but the FOC itself is mostly conceived for
sinusoidal shaped back-EMF.
●
Power supply block - able to work from 195 VAC to 265 VAC or corresponding DC
voltage from 275 VDC to 375 VDC. The power block is based on a buck converter with
a VIPer16 controller. It is also possible to supply the application through a J5 connector
with +15 VDC. Please refer to Figure 6 for more information on how to connect the
board to the required application.
Figure 2.
Motor control system architecture
Of the above motor control system architecture, the STEVAL-IHM036V1 does not include
any motor itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com