Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1483 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 27Page - STMicroelectronics UM1483 Datasheet HTML 28Page - STMicroelectronics UM1483 Datasheet HTML 29Page - STMicroelectronics UM1483 Datasheet HTML 30Page - STMicroelectronics UM1483 Datasheet HTML 31Page - STMicroelectronics UM1483 Datasheet HTML 32Page - STMicroelectronics UM1483 Datasheet HTML 33Page - STMicroelectronics UM1483 Datasheet HTML 34Page - STMicroelectronics UM1483 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
UM1483
PCB layout
Doc ID 022398 Rev 1
31/35
8
PCB layout
For this application, a standard, double-layer, coppered PCB with a ~60
μm copper
thickness was selected. The PCB material is FR-4.
The dimensions of the board are:
●
Circular shape: diameter 115 mm (diameter of the proposed functional area without
connectors is 80 mm)
●
PCB thickness: 1.55 mm
Figure 12.
Component placement - top side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com