Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1483 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 10Page - STMicroelectronics UM1483 Datasheet HTML 11Page - STMicroelectronics UM1483 Datasheet HTML 12Page - STMicroelectronics UM1483 Datasheet HTML 13Page - STMicroelectronics UM1483 Datasheet HTML 14Page - STMicroelectronics UM1483 Datasheet HTML 15Page - STMicroelectronics UM1483 Datasheet HTML 16Page - STMicroelectronics UM1483 Datasheet HTML 17Page - STMicroelectronics UM1483 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Board description
UM1483
14/35
Doc ID 022398 Rev 1
3.3.2
Input part of the converter
The input stage of the demonstration board is provided with an NTC resistor to eliminate
input inrush current peak during the charging of the bulk capacitors. A fuse for nominal
current 2 A is implemented in series with the resistor.
The complete EMI filter is based on common mode choke, X2 and Y2 capacitors were
implemented on the STEVAL-IHM036V1 demonstration board. The EMI filter was
performing to fulfill the radio disturbance requirements coming from EN55014 (CISPR 14).
The supply input of the inverter is protected with the varistor VR1 against disturbances. The
board is in compliance with surge tests according to IEC 61000-4-5 up to 2 kV and also
with burst immunity according to IEC61000-4-4 up to 2 kV with positive and negative pulses.
3.3.3
Control block with value line STM32 MCU
The control stage of the STEVAL-IHM036V1 board is designed around an
STM32F100C6T6B microcontroller in a 48-pin LQFP package. The STM32F100C6T6B
MCU belongs to the value line medium and low density STM32 MCU family.
The interface between the user and the board, for commands, is based on user button SW1
and the potentiometer R24. Indicated status is based on two LED diodes D11 and D12.
The STM32F100C6T6B microcontroller, present on the board, is intended to be used in
conjunction with the external 8 MHz crystal Y1.
The board could be featured with a non-insulated RS-485 bus. On the PCB an SO-8 foot pin
is prepared, which allows to assemble STMicroelectronics transceiver ST3485ECD. Use of
this feature allows to evaluate the board in applications where serial communication is
required. Due to application intention, the kit is not electrically isolated from the DC input.
This topology is very common in motor drives. The microprocessor and the transceiver are
grounded by the integrated ground of the DC bus. The microprocessor and associated
circuitry are hot and MUST be isolated from user controls and communication interfaces.
The board is not galvanic isolated from the supply mains. As a result of this, make sure to
connect any RS-485 devices to the board which has no galvanic isolated ports. Before
updating the board with such a peripheral, please refer to STMicroelectronics ST3485ECD
datasheet for more information on how to connect I/O.
For development and debugging purposes, the board features a standard 20-pin JTAG
interface connector for connection of debugging/programming tools for ARM core-based
devices.
Table 2 lists the I/O assignments for the STM32F100C6T6B MCU.
Table 1.
Jumper settings single/dual supply mode
Single supply mode
Dual supply mode
SW4 present
SW4 not present
(J1 - input voltage; J5 - aux. voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com