Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1483 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 21Page - STMicroelectronics UM1483 Datasheet HTML 22Page - STMicroelectronics UM1483 Datasheet HTML 23Page - STMicroelectronics UM1483 Datasheet HTML 24Page - STMicroelectronics UM1483 Datasheet HTML 25Page - STMicroelectronics UM1483 Datasheet HTML 26Page - STMicroelectronics UM1483 Datasheet HTML 27Page - STMicroelectronics UM1483 Datasheet HTML 28Page - STMicroelectronics UM1483 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
UM1483 Using STEVAL-IHM036V1 with the STM32 PMSM FOC SDK v3.0 Motor Control Firmware
Doc ID 022398 Rev 1
25/35
Table 3.
STEVAL-IHM036V1 motor control workbench parameters for power part
Parameter
STEVAL-IHM036V1
default value
Unit
ICL shutout
Disabled
Dissipative brake
Disabled
Bus voltage sensing
Disabled
Bus voltage divider 1/…
116
Min. rated voltage
18
V
Max. rated voltage
350
V
Nominal voltage
325
V
Temperature sensing
Enabled
V0
1055
mV
T0
25
°C
ΔV/ΔT
29
mV/°C
Max. working temperature on sensor
90
°C
Overcurrent protection
Enabled
Comparator threshold
0.55
V
Overcurrent network gain
0.39
V/A
Expected overcurrent threshold
1.41
A
Overcurrent feedback signal polarity
Active-low
Overcurrent protection disabling network
Disabled
Current sensing
Enabled
Current reading topology
One shunt resistor
Shunt resistor(s) value
0.4
Ω
Amplifying network gain
3.33
T-rise
1000
ns
Power switches - minimal deadtime
500
ns
Power switches - max. switching frequency
50
kHz
U, V, W driver - high side driving signal
Active-high
U, V, W driver - low side driving signal complemented from high side
Disabled
U, V, W driver - low side driving signal polarity
Active-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com