Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1483 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 18Page - STMicroelectronics UM1483 Datasheet HTML 19Page - STMicroelectronics UM1483 Datasheet HTML 20Page - STMicroelectronics UM1483 Datasheet HTML 21Page - STMicroelectronics UM1483 Datasheet HTML 22Page - STMicroelectronics UM1483 Datasheet HTML 23Page - STMicroelectronics UM1483 Datasheet HTML 24Page - STMicroelectronics UM1483 Datasheet HTML 25Page - STMicroelectronics UM1483 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Testing of the demonstration board
UM1483
22/35
Doc ID 022398 Rev 1
Conclusion:
Application functionality was not influenced by applied surges disturbance. The application
is pre-compliant to IEC 61000 -4-5 level 3 (2 kV line to line and 2 kV line to earth).
4.3
Radio disturbance characteristic according to EN55014
(CISPR14-1)
The demonstration board STEVAL-IHM036V1 was tested to be pre-compliant with CISPR
14-1 specification for conducted measurements for a frequency range from 150 kHz to
30 MHz. Test conditions with results are listed below.
Test condition:
●
Ambient temperature: 24 °C
●
Air humidity:
50%
●
Supply voltage:
230 VAC
●
Testing motor as load; electric output power equal to 50 W
Test signal: according to CISPR 14-1:
●
Frequency range 150 kHz - 30 MHz, detectors average and quasi-peak
●
Measured on power supply lines (AC line - L and N)
Conclusion:
The demonstration board STEVAL-IHM036V1 is pre-compliant with radio disturbance
according to CISPR14 for a frequency range from 150 kHz to 30 MHz with both, quasi-peak
and average detector. Figure 10 shows results of measured disturbance with average
detector.
Figure 10.
EMC conducted emissions, detector average



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com