Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1483 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 9Page - STMicroelectronics UM1483 Datasheet HTML 10Page - STMicroelectronics UM1483 Datasheet HTML 11Page - STMicroelectronics UM1483 Datasheet HTML 12Page - STMicroelectronics UM1483 Datasheet HTML 13Page - STMicroelectronics UM1483 Datasheet HTML 14Page - STMicroelectronics UM1483 Datasheet HTML 15Page - STMicroelectronics UM1483 Datasheet HTML 16Page - STMicroelectronics UM1483 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
UM1483
Board description
Doc ID 022398 Rev 1
13/35
3.3
Board architecture description
3.3.1
Power supply
The power supply in the STEVAL-IHM036V1 demonstration board is designed for European
supply voltage range 230 VAC. The real range of the input voltage is from 195 VAC or
275 VDC to 265 VAC or 375 VDC.
The auxiliary power supply for all active components on the demonstration board is
implemented as a buck converter based on U1 VIPer16LD which works with a fixed
frequency of 60 kHz. The output voltage of the converter is +15 VDC. Voltage is fed into the
intelligent power module (IPM) as supply voltage, as well as into linear regulator
L78L33ACU. The linear regulator provides +3.3 VDC for supplying MCU, operational
amplifiers, and further related parts placed on the demonstration board. Please refer to
STMicroelectronics VIPer16LD datasheet for more information.
For testing purposes the board may also operate in wide supply voltage range from
18 VDC to 400 VDC. A dual supplying mode could be used in this situation. The jumper
SW4 must be disconnected. In this mode, voltage on the input connector J1 is normally
linked through power switches to the motor. An external auxiliary voltage is fed through the
J5 connector from an external power source. The voltage of the used external power supply
must be in the range +14.8 V to +15.5 V with availability to sink current 0.5 A. This is a mode
which allows to use the demonstration board for various supply voltages. It is especially
convenient for low voltage motors.
Information regarding the value of the supply bus voltage on the main filtering capacitors is
sensed with the voltage divider built around R1, R2 and R3 and is fed into the MCU to ADC.
The proper voltage multiplication for applied resistors divider is 116.
The presence of +15 VDC on the board is indicated with D9 green LED “Power ON”.
Figure 6 describes the power supply section through a simplified block diagram.
Figure 6.
Power supply block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com