Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1365 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1365
Description  GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1365 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1365 Datasheet HTML 2Page - STMicroelectronics AN1365 Datasheet HTML 3Page - STMicroelectronics AN1365 Datasheet HTML 4Page - STMicroelectronics AN1365 Datasheet HTML 5Page - STMicroelectronics AN1365 Datasheet HTML 6Page - STMicroelectronics AN1365 Datasheet HTML 7Page - STMicroelectronics AN1365 Datasheet HTML 8Page - STMicroelectronics AN1365 Datasheet HTML 9Page - STMicroelectronics AN1365 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6/13
GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
4 REGISTER MAP
In the ST72F264, some register addresses and bit locations are changed. These changes
have made it possible to use the free locations to add new features.
Note: For easy software migration, two general rules have to be followed:
s
All “reserved” byte memory areas must never be “read” or “write”.
s
All “reserved” or “unused” bits must be left unchanged when accessing the byte.
4.1 REGISTER ADDRESS
These changes are classified in three groups:
1. New features added: Interrupt Controller (ITC), Main Clock Controller (MCC), Serial Com-
munications Interface (SCI), Flash Control/Status Register (FCSR).
2. CRSR (Clock, Reset, Supply Control/Status Register) has been replaced by the SICSR
(System Integrity Control/Status Register). Two bits relative to the AVD (Auxiliary Voltage
Detector) feature have been added into the SICSR register. Bits relative to the CSS are no
longer used.
SPISR (Serial Peripheral Interface Status Register) changed to SPICSR (Serial Peripheral
Interface Control Status Register). Refer to the Section 5.3.1 for more information.
3. ADC registers changed.
Please, refer to the datasheet for the description of the new features.
Note: These register address changes can be easily performed if you group all the register
definitions in a single header file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com