Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1365 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1365
Description  GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1365 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1365 Datasheet HTML 5Page - STMicroelectronics AN1365 Datasheet HTML 6Page - STMicroelectronics AN1365 Datasheet HTML 7Page - STMicroelectronics AN1365 Datasheet HTML 8Page - STMicroelectronics AN1365 Datasheet HTML 9Page - STMicroelectronics AN1365 Datasheet HTML 10Page - STMicroelectronics AN1365 Datasheet HTML 11Page - STMicroelectronics AN1365 Datasheet HTML 12Page - STMicroelectronics AN1365 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
5 NEW FEATURES AND PERIPHERALS
5.1 NESTED INTERRUPTS
A nested interrupt feature has been added to the ST72F264. By default, the interrupt manage-
ment is concurrent. Some dedicated registers (ISPRx) make it possible for the user to con-
figure the priority level (up to 4) for all the interrupts. Please refer to the datasheet for more in-
formation.
5.2 16-BIT TIMER PWM AND ONE PULSE MODE
The 16-bit timer of the ST72C254 has been modified in the ST72F264 to improve the PWM
and One Pulse modes. If you use either of these two modes, you may need to change your
software when transferring code from the ST72C254 to the ST72F264. All the other modes of
the timer do not change.
5.2.1 PWM Mode
To avoid any uncontrolled status on the PWM output, a double buffering on the output com-
pare registers (2 x 16 bits) is implemented in the ST72F264. This double buffering is not
present in the ST72C254.
In the ST72F264 PWM mode, any new values written in the four OC1R and OC2R registers
are taken into account only at the end of the PWM period (OC2 event) to avoid spikes on the
PWM output.
Note: Any modification on the OC1R and OC2R registers must be done just after the OC2
event (using the ICF1 interrupt routine for example).
5.2.2 One Pulse Mode
When the ICAP1 event occurs (on falling or rising edge), the following sequence occurs:
1. IC1R is loaded with the value of the counter when the event occurred (not FFFDh as in the
ST72C254)
2. The counter is immediately reset to FFFCh (not at the end like in the ST72C254)
3. OLVL2 is applied to OCMP1 pin if OC1E=1
4. ICF1 is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com