Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1365 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1365
Description  GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1365 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1365 Datasheet HTML 1Page - STMicroelectronics AN1365 Datasheet HTML 2Page - STMicroelectronics AN1365 Datasheet HTML 3Page - STMicroelectronics AN1365 Datasheet HTML 4Page - STMicroelectronics AN1365 Datasheet HTML 5Page - STMicroelectronics AN1365 Datasheet HTML 6Page - STMicroelectronics AN1365 Datasheet HTML 7Page - STMicroelectronics AN1365 Datasheet HTML 8Page - STMicroelectronics AN1365 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
3 TIMING
3.1 CYCLE ACCURACY
All timings are compatible between the ST72C254 and the ST72F264 devices except internal
timings linked to the cycle accuracy. The ST72C254 is based on latches (gates) while the
ST72F264 is based on RTL (flip-flop). Therefore, a difference of a half cycle may occur be-
tween those two devices.
This means that all software with timings based on fixed processor cycle times (a practice not
recommended) must be verified in detail. An example of this would be a software wait loop im-
plemented as a sequence of NOP instructions as opposed to polling a busy bit.
This internal difference does not affect the general timings.
3.2 CLOCK SECURITY SYSTEM (CSS)
The backup oscillator of CSS available in the ST72C254 device (and subsets) has a fixed fre-
quency between 250 kHz and 550 kHz in normal conditions (T=25° and Vdd=5V).
In the ST72F264 device (and subsets), there is no backup oscillator frequency.
3.3 PHASE LOCKED LOOP (PLL)
A PLL has been added in the ST72F264 in order to be able to multiply the oscillator frequency
by 2 (for a fOSC input frequency between 2 and 4 MHz). This PLL is activated through an op-
tion bit.
Figure 1. PLL Diagram
Note: Use of the PLL with the internal RC oscillator is not supported.
0
1
PLL OPTION BIT
PLL x 2
fOSC2
/ 2
fOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com