Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1365 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1365
Description  GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1365 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1365 Datasheet HTML 5Page - STMicroelectronics AN1365 Datasheet HTML 6Page - STMicroelectronics AN1365 Datasheet HTML 7Page - STMicroelectronics AN1365 Datasheet HTML 8Page - STMicroelectronics AN1365 Datasheet HTML 9Page - STMicroelectronics AN1365 Datasheet HTML 10Page - STMicroelectronics AN1365 Datasheet HTML 11Page - STMicroelectronics AN1365 Datasheet HTML 12Page - STMicroelectronics AN1365 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
6 OPTION BYTES
Option bits have been added, split or replaced in the ST72F264 compared to the ST72C254
(see Figure 7.):
s
Oscillator type bits have been added in order to select a best range of backup safe oscillator
s
CFC (Clock Filter Control) bit has been removed
s
FMP (Full Memory Protection) bit has been split into 2 bits: FMP_R (read protection) and
FMP_W (write protection)
s
SEC[1:0] bits have been added to select the ST72F264 sector 0 size
s
PLL selection bit has been added
s
External RC clock option is no longer supported with ST72F264 device.
For more information concerning these option bits, please refer to the datasheet.
Figure 7. ST72C254 and ST72F264 Option Bytes
s
LVD low and high configuration levels have been swapped:
USER OPTION BYTE 1
15
8
USER OPTION BYTE 0
70
EXTIT
1
OSC
TYPE
1
OSC
TYPE
0
OSC
RNGE
2
OSC
RNGE
1
OSC
RNGE
0
PLL
OFF
WDG
HALT
WDG
SW
VD1
VD0
SEC1
SEC0 FMPR FMPW
USER OPTION BYTE 0
70
USER OPTION BYTE 1
70
EXTIT
FMP
CFC
OSC2 OSC1 OSC0
LVD1
LVD0
WDG
HALT
WDG
SW
ST72C254 Option Bytes
Reserved
ST72F264 Option Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com