Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1365 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1365
Description  GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1365 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1365 Datasheet HTML 1Page - STMicroelectronics AN1365 Datasheet HTML 2Page - STMicroelectronics AN1365 Datasheet HTML 3Page - STMicroelectronics AN1365 Datasheet HTML 4Page - STMicroelectronics AN1365 Datasheet HTML 5Page - STMicroelectronics AN1365 Datasheet HTML 6Page - STMicroelectronics AN1365 Datasheet HTML 7Page - STMicroelectronics AN1365 Datasheet HTML 8Page - STMicroelectronics AN1365 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
Figure 3. Exact Timeout Duration (tmin and tmax) (fOSC2= 8 MHz)
Note: The timing variation shown in Figure 3. is due to the unknown status of the prescaler when writing
to the CR register.
WHERE:
tmin0 = (LSB + 128) x 64 x tOSC2
tmax0 = 16384 x tOSC2
tOSC2 = 125ns if fOSC2=8 MHz
CNT = Value of T[5:0] bits in the WDGCR register (6 bits)
MSB and LSB are values from the table below depending on the timebase selected by the TB[1:0] bits
in the MCCSR register
To calculate the minimum Watchdog Timeout (tmin):
IF
THEN
ELSE
To calculate the maximum Watchdog Timeout (tmax):
IF
THEN
ELSE
Note: In the above formulae, division results must be rounded down to the next integer value.
Example:
With 2ms timeout selected in MCCSR register
TB1 Bit
(MCCSR Reg.)
TB0 Bit
(MCCSR Reg.)
Selected MCCSR
Timebase
MSB
LSB
0
0
2ms
4
59
0
1
4ms
8
53
1
0
10ms
20
35
1
1
25ms
49
54
Value of T[5:0] Bits in
WDGCR Register (Hex.)
Min. Watchdog
Timeout (ms)
tmin
Max. Watchdog
Timeout (ms)
tmax
00
1.496
2.048
3F
128
128.552
CNT
MSB
4
-------------
<
t
min
t
min0
16384
CNT
t
osc2
×
×
+
=
t
min
t
min0
16384
CN T
4 CNT
MSB
-----------------
–


×
192
L SB
+
() 64
4CNT
MSB
-----------------
×
×
+
t
osc2
×
+
=
CNT
MSB
4
-------------
≤
t
max
t
max0
16384
CNT
t
osc2
×
×
+
=
t
max
t
max0
16384
C NT
4CNT
MSB
-----------------
–


×
192
LSB
+
() 64
4CNT
MS B
-----------------
×
×
+
t
o sc2
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com