Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1365 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1365
Description  GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1365 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1365 Datasheet HTML 3Page - STMicroelectronics AN1365 Datasheet HTML 4Page - STMicroelectronics AN1365 Datasheet HTML 5Page - STMicroelectronics AN1365 Datasheet HTML 6Page - STMicroelectronics AN1365 Datasheet HTML 7Page - STMicroelectronics AN1365 Datasheet HTML 8Page - STMicroelectronics AN1365 Datasheet HTML 9Page - STMicroelectronics AN1365 Datasheet HTML 10Page - STMicroelectronics AN1365 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
Figure 4. Register Map Modifications
@Block
Register
Label
0020h
MISCR1
0021h
0022h
0023h
SPI
SPIDR
SPICR
SPISR
0024h
WDG
WDGCR
0025h
CRSR
0040h
MISCR2
0070h
0071h
ADC
ADCDR
ADCCSR
@Block
Register
Label
001Ch
001Dh
001Eh
001Fh
ITC
ISPR0
ISPR1
ISPR2
ISPR3
0020h
MISCR1
0021h
0022h
0023h
SPI
SPIDR
SPICR
SPICSR
0024h
WDG
WDGCR
0025h
SICSR
0026h
MCC
MCCSR
0050h
0051h
0052h
0053h
0054h
0055h
0056h
SCI
SCISR
SCIDR
SCIBRR
SCICR1
SCICR2
SCIERPR
SCIETPR
006Fh
0070h
0071h
ADC
ADCCSR
ADCDRH
ADCDRL
0072h
FCSR
1
1
2
ST72C254
ST72F264
1
3
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com