Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1365 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1365
Description  GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1365 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1365 Datasheet HTML 4Page - STMicroelectronics AN1365 Datasheet HTML 5Page - STMicroelectronics AN1365 Datasheet HTML 6Page - STMicroelectronics AN1365 Datasheet HTML 7Page - STMicroelectronics AN1365 Datasheet HTML 8Page - STMicroelectronics AN1365 Datasheet HTML 9Page - STMicroelectronics AN1365 Datasheet HTML 10Page - STMicroelectronics AN1365 Datasheet HTML 11Page - STMicroelectronics AN1365 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8/13
GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
4.2 REGISTER MODIFICATIONS
4.2.1 CRSR Register
The CRSR (Clock, Reset and Supply Register) register has been replaced by the SICSR
(System Integrity Control/Status Register) register (see Figure 5.). This SICSR register con-
tains the bits related to the AVD feature.
Figure 5. CRSR Register Changes
4.2.2 SPI/SS pin
The SPI SS pin alternate function is controlled from the MISCR2 like previously, but these
control bits have also been duplicated into the SPICSR register in three unused locations.
Figure 6. SS pin control
Both registers can be used to control the SS pin.
SICSR (0025h)
System Integrity Control/Status Register
70
0
AVDI
E
AVD
F
LVD
RF
00
0
WDG
RF
CRSR (0025h)
Clock Reset and Supply Register
70
000
LVD
RF
0
CS-
SIE
CSS
D
WDG
RF
70
0
000
MOD SOD
SSM
SSI
SPICSR (0023h)
SPI Control/Status Register
70
SPIF
WCO
L
OR
MOD
F
0
SOD
SSM
SSI
MISCR2 (0040h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com