Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1365 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1365
Description  GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1365 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1365 Datasheet HTML 5Page - STMicroelectronics AN1365 Datasheet HTML 6Page - STMicroelectronics AN1365 Datasheet HTML 7Page - STMicroelectronics AN1365 Datasheet HTML 8Page - STMicroelectronics AN1365 Datasheet HTML 9Page - STMicroelectronics AN1365 Datasheet HTML 10Page - STMicroelectronics AN1365 Datasheet HTML 11Page - STMicroelectronics AN1365 Datasheet HTML 12Page - STMicroelectronics AN1365 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10/13
GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
5.3 SPI
5.3.1 Control/Status register bits
The SPISR in the ST72C254 has been replaced by the SPICSR in the ST72F264 (refer to
Figure 4.). Their differences are the following ones:
s
the SPI SS pin alternate function is controlled from the MISCR2 as previously, but these
control bits have also been duplicated into the SPICSR register.
s
the Overrun flag has been added into the ST72F264 (SPICSR register).
5.3.2 HALT mode
The ST72F264 is able to exit from HALT mode through an SPI interrupt. This is not the case
in the ST72C254. To guarantee upward compatibility, if the SPI is used in slave mode, the SPI
interrupt must be masked (via the SPE or SPIE bits) during HALT mode to avoid any un-
wanted wake-up events.
5.4 10-BIT ADC
To meet application requirements for increased resolution, the ST72F264 has a 10-bit ADC
compared to the 8-bit ADC in the ST72C254. For upward compatibility, both ADCs have iden-
tical control registers and operating modes. The 8 most significant bits of the ST72F264 data
register (ADCDRH) are used in place of the ADCDR register of the ST72C254. The 8 least
significant bits of the ST72F264 data register (ADCDRL) have been added to reach a 10-bit
conversion. If ADCDRL is read first, ADCDRH is locked until read (which means that no max-
imum time is imposed between an ADCDRL read and an ADCDRH read) and a 10-bit conver-
sion will be performed. Then, ADCDRL and ADCDRH are ensured to correspond to the same
conversion.
If ADCDRH is read first, ADCDRL is lost and an 8-bit conversion equivalent to the ST72C254
one will be performed.
5.5 MISCELLANEOUS
Many new features have been added in the ST72F264 (refer to Figure 4.):
s
MCC (Main Clock Controller)
s
ITC (Interrupt Controller)
s
FSCR register (Flash Status Control Register)
s
SCI (Serial Communication Interface) peripheral
Please, refer to the datasheet for more information concerning the operation of all these fea-
tures and peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com