Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1365 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1365
Description  GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1365 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1365 Datasheet HTML 1Page - STMicroelectronics AN1365 Datasheet HTML 2Page - STMicroelectronics AN1365 Datasheet HTML 3Page - STMicroelectronics AN1365 Datasheet HTML 4Page - STMicroelectronics AN1365 Datasheet HTML 5Page - STMicroelectronics AN1365 Datasheet HTML 6Page - STMicroelectronics AN1365 Datasheet HTML 7Page - STMicroelectronics AN1365 Datasheet HTML 8Page - STMicroelectronics AN1365 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AN1365/0504
1/13
Rev. 2.0
AN1365
APPLICATION NOTE
GUIDELINES FOR MIGRATING ST72C254
APPLICATIONS TO ST72F264
INTRODUCTION
This application note provides information on using ST72264 new series in an application orig-
inally designed for the ST72254, 215, 216, 104 series.
1 FEATURE OVERVIEW
Note 1
: refer to the corresponding datasheets for more information on electrical characteristics.
Note 2
: Go to http://www.st.com > Products > Product Support > Microcontrollers - Forum for
information on third-party tools.
Feature 1)
ST72104
ST72215
ST72216 ST72C254 ST72260
ST72262 ST72F264
Package
SDIP32/SO28 (no change)
Program Memory
FLASH/ROM
Operating Supply
3.2V to 5.5V
2.7V to 5.5V
Register Map
128 bytes (no change)
I/Os
28 pins (see Section 2.2 Pinout)
Slow Mode
Yes
Active-HALT
No
Yes (4096 tCPU delay on wake-up)
Nested Interrupts
No
Yes (not by default)
Watchdog
Yes
16-bit Timer
1212
2 (minor change in
PWM and One Pulse modes)
SPI
Yes
SCI
No
Yes
I2C
No
Yes
No
Yes
ADC
No
Yes (8-bit)
No
Yes (10-bit)
LVD
3 Levels (CFlash and XFlash levels may differ, refer to the datasheet)
CSS
Yes (fixed frequency) -> CRSR
No
Emulator
ST7MDT1-EMU2B and ST7MTD1-DVP2
ST7MDT10-EMU3
Programming
tools2)
ST7MDT1-EPB2 and ST7MTD1-DVP2
ST7MDT10-EPB and ST7MDT10-
DVP3
1


Similar Part No. - AN1365

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN136 SILABS-AN136 Datasheet
132Kb / 4P
PRODUCTION PROGRAMMING OPTIONS FOR SILICON LABS DEVICES
logo
Microchip Technology
AN1368 MICROCHIP-AN1368 Datasheet
601Kb / 34P
Developing Embedded Graphics Applications using PIC짰Microcontrollers with Integrated Graphics Controller
02/18/11
logo
STMicroelectronics
AN1369 STMICROELECTRONICS-AN1369 Datasheet
2Mb / 23P
GETTING STARTED WITH RAISONANCE IDE FOR THE ST6 MICROCONTROLLER
More results

Similar Description - AN1365

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2197 STMICROELECTRONICS-AN2197 Datasheet
92Kb / 13P
Guidelines for migrating
04-Oct-2005
AN2200 STMICROELECTRONICS-AN2200 Datasheet
110Kb / 13P
Guidelines for migrating ST7LITE1x applications to ST7FLITE1xB
Jul-2005
AN2523 STMICROELECTRONICS-AN2523 Datasheet
216Kb / 23P
Migrating from STR91xF to STR91xFA
07-May-2007
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
Migration and compatibility guidelines for STM8S microcontroller applications
06-Mar-2009
AN2869 STMICROELECTRONICS-AN2869 Datasheet
982Kb / 43P
Guidelines for designing touch sensing applications
09-May-2012
AN3139 STMICROELECTRONICS-AN3139 Datasheet
806Kb / 63P
Migration and compatibility guidelines for STM8L microcontroller applications
08-Sep-2011
AN3317 STMICROELECTRONICS-AN3317 Datasheet
257Kb / 22P
PCB guidelines for SPEAr1340
06-Apr-2012
AN3364 STMICROELECTRONICS-AN3364 Datasheet
133Kb / 17P
Migration and compatibility guidelines for STM32 microcontroller applications
30-May-2012
AN4312 STMICROELECTRONICS-AN4312 Datasheet
978Kb / 36P
Guidelines for designing touch sensing applications with surface sensors
30-Sep-2013
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
27-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com