Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2555 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 5Page - STMicroelectronics AN2555 Datasheet HTML 6Page - STMicroelectronics AN2555 Datasheet HTML 7Page - STMicroelectronics AN2555 Datasheet HTML 8Page - STMicroelectronics AN2555 Datasheet HTML 9Page - STMicroelectronics AN2555 Datasheet HTML 10Page - STMicroelectronics AN2555 Datasheet HTML 11Page - STMicroelectronics AN2555 Datasheet HTML 12Page - STMicroelectronics AN2555 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN2555 - Application note
Modified features
9/33
In the default configuration the sample time of the ST10F276Z5 is 2.5 times longer compared to that of
the ST10F269Zx. This has an impact on the frequency of the input signal that can be applied to the
ST10F276Z5.
1.4.2
Hardware impacts
Electrical characteristics
Table 6 lists the differences in the DC characteristics of the two devices. The main points are:
●
IAREF is 10 times higher on the ST10F276Z5. The VAREF pad must therefore be directly connected
to the power supply: Connecting a resistor would create a voltage shift in the analog reference.
●
CAIN, input pin capacitances are different.
●
DNL, INL and OFS are different: the ADC conversion curves for the 2 devices are different.
Table 5.
ST10F276Z5 vs. ST10F269Zx sample time comparison table
ADCTC
ADSTC
ST10F269Zx Sample
Time
ST10F276Z5 Sample
Time
Ratio F276Z5 / F269Zx
00
00
TCL * 48
TCL * 120
2.5
00
01
TCL * 96
TCL * 140
1.46
00
10
TCL * 192
TCL * 200
1.04
00
11
TCL * 384
TCL * 400
1.04
11
00
TCL * 96
TCL * 240
2.5
11
01
TCL * 192
TCL * 280
1.46
11
10
TCL * 384
TCL * 400
1.04
11
11
TCL * 768
TCL * 800
1.04
10
00
TCL * 192
TCL * 480
2.08
10
01
TCL * 384
TCL * 560
1.46
10
10
TCL * 768
TCL * 800
1.04
10
11
TCL * 1538
TCL * 1600
1.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com