Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2555 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 25Page - STMicroelectronics AN2555 Datasheet HTML 26Page - STMicroelectronics AN2555 Datasheet HTML 27Page - STMicroelectronics AN2555 Datasheet HTML 28Page - STMicroelectronics AN2555 Datasheet HTML 29Page - STMicroelectronics AN2555 Datasheet HTML 30Page - STMicroelectronics AN2555 Datasheet HTML 31Page - STMicroelectronics AN2555 Datasheet HTML 32Page - STMicroelectronics AN2555 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AN2555 - Application note
Electrical characteristics
29/33
5.2
AC characteristics at 40 MHz
As the technology is different between the two devices, the I/Os also present some differences in the AC
behavior. Table 13 and Table 14 list all the timing differences. Please check carefully your design for
possible impact.
5.2.1
External memory bus timings
Note that for high CPU clock frequencies above 40 MHz (when using the ST10F276Z5Q3), some
numbers in the timing formulas become zero or negative, that in most of the cases is not acceptable or
not meaningful at all. In these cases, it is necessary to reduce the speed of the bus setting properly tA
(ALE extension), tC (Memory Cycle Time wait-states) and tF (Memory tri-state time).
Output low
voltage (all
other)
VOL1CC
–
0.45 / IOL =
1.6mA
–
0.4 / IOL = 4
mA
0.05 / IOL = 0,5
mA
V
Output high
voltage
VOHCC
0.9VDD / IOH = -0.5 mA
2.4
/ IOH = -2.4 mA
PORT0,
PORT1, Port
4, ALE, RD,
WR, BHE,
CLKOUT,
RSTOUT
VDD - 0.8 / IOH = -8 mA
VDD -0.08 / IOH = -1 mA
PORT6, ALE,
CLKOUT, WR,
READY, BHE,
RD, RSTOUT,
RSTIN
V
Output high
voltage (all
other)
VOH1CC
0.9VDD / IOH = -0.25 mA
2.4
/ IOH = -1.6 mA
–VDD - 0.8 / IOH = -4 mA
VDD -0.08 / IOH = -0.5 mA
–V
Input leakage
current (Port5)
IOZ1CC
–
± 200
–
± 200
nA
Input leakage
current (all
other)
IOZ2CC
–±1
–
±0.5
uA
Input leakage
current (P2.0)
IOZ3CC
–-
–
-0.5
+1
uA
Input leakage
current (RPD)
IOZ4CC
–-
–
±3
uA
Overload cur-
rent (P2.0)
IOV2CC
–-
–
-1
+5
mA
Table 12.
DC characteristics
Parameter
Symbol
ST10F269Zx Limit Values
ST10F276Z5 Limit Values
Unit
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com