Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2555 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 25Page - STMicroelectronics AN2555 Datasheet HTML 26Page - STMicroelectronics AN2555 Datasheet HTML 27Page - STMicroelectronics AN2555 Datasheet HTML 28Page - STMicroelectronics AN2555 Datasheet HTML 29Page - STMicroelectronics AN2555 Datasheet HTML 30Page - STMicroelectronics AN2555 Datasheet HTML 31Page - STMicroelectronics AN2555 Datasheet HTML 32Page - STMicroelectronics AN2555 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AN2555 - Application note
Electrical characteristics
30/33
Multiplexed bus
Demultiplexed bus
Table 13.
Multiplexed bus timings (ns)
Symbol
Parameter
ST10F269Zx
ST10F276Z5
ST10F269Zx
fCPU = 40MHz
ST10F276Z5
fCPU = 40MHz
min.
max.
min.
max.
min.
max.
min.
max.
t6 CC
Address setup to
ALE
TCL - 10.5 +
tA
-
TCL - 11 +
tA
-2 + tA
-
1.5 + tA
-
t16 SR
ALE low to valid
data in
-
3 TCL -
19 + tA +
tC
-
3 TCL -
20 + tA +
tC
18.5 +
tA + tC
-
17.5 +
tA + tC
-
t17 SR
Address/Unlatche
d CS to valid data
in
-
4 TCL -
28 + 2tA
+ tC
-
4 TCL -
30 + 2tA
+ tC
22 +
2tA + tC
-
20 +
2tA + tC
-
t39 SR
Latched CS low to
Valid Data In
-
3 TCL -
19 + 2tA
+ tC
-
3 TCL -
21 + 2tA
+ tC
18.5 +
2tA + tC
-
16.5 +
2tA + tC
-
t44 CC
Address float after
RdCS, WrCS
(with RW delay)
-0
-
1.5
-
0
-
1.5
t45 CC
Address float after
RdCS, WrCS (no
RW delay)
-TCL
-
TCL +
1.5
-12.5-
14
Table 14.
Multiplexed bus timings
Symbol
Parameter
ST10F269Zx
ST10F276Z5
ST10F269Zx
fCPU = 40 MHz
ST10F276Z5
fCPU = 40 MHz
min.
max.
min.
max.
min.
max.
min.
max.
t6CC
Address setup
to ALE
TCL -
10.5 + tA
-
TCL - 11
+ tA
-2 + tA
-
1.5 + tA
-
t80CC
Address/Unlatc
hed CS setup
to RD, WR
(with RW
delay)
-2 TCL -
8.5 + 2tA
-2 TCL -
12.5 +
2tA
16.5 +
2tA
-
12.5 +
2tA
-
t81CC
Address/Unlatc
hed CS setup
to RD, WR (no
RW delay)
-
TCL - 8.5
+ 2tA
-
TCL - 12
+ 2tA
4 + 2tA
-
0.5 + 2tA
-
t16SR
ALE low to
valid data in
-3 TCL -
19 + tA +
tC
-3 TCL -
20 + tA +
tC
18.5 + tA
+ tC
-
17.5 + tA
+ tC
-
t17SR
Address/Unlatc
hed CS to valid
data in
-4 TCL -
28 + 2tA
+ tC
-4 TCL -
30 + 2tA
+ tC
22 + 2tA
+ tC
-
20 + 2tA
+ tC
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com