Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2555 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 9Page - STMicroelectronics AN2555 Datasheet HTML 10Page - STMicroelectronics AN2555 Datasheet HTML 11Page - STMicroelectronics AN2555 Datasheet HTML 12Page - STMicroelectronics AN2555 Datasheet HTML 13Page - STMicroelectronics AN2555 Datasheet HTML 14Page - STMicroelectronics AN2555 Datasheet HTML 15Page - STMicroelectronics AN2555 Datasheet HTML 16Page - STMicroelectronics AN2555 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN2555 - Application note
Modified features
13/33
1.6
CAN modules
The ST10F269Zx has two CAN modules of the B-CAN type.
The ST10F276Z5 has two CAN modules of the C-CAN type. These modules are functionally compatible
with the modules of the ST10F269Zx.
The C-CAN cells provide additional Message Objects and new functionalities like Time Triggered
Protocol capability. The main difference is that the Message Objects are no longer directly accessed as
memory but are available through a Message Interface. This changes the programming model of the
modules.
In the ST10F269Zx, byte and word accesses are authorized for the CAN modules. In the ST10F276Z5
only word accesses are possible.
1.6.1
Hardware impacts
None.
1.6.2
Software impacts
Re-write the CAN Drivers.
Table 7.
RTCCON Register bits
Bit
Function
Reset
value
RTCSIR
RTC Second Interrupt Request flag (every basic clock unit)
‘0’: the bit was reset less than a Basic Clock unit ago.
‘1’: the interrupt was triggered.
0
RTCSEN
RTC Second interrupt Enable
‘0’: RTC_SecIT is disabled.
‘1’: RTC_SecIT is enabled, it is generated every basic clock unit.
0
RTCAIR
RTC Alarm Interrupt Request flag (when the alarm is triggered)
‘0’: the bit was reset less than n Basic Clock units ago.
‘1’: the interrupt was triggered.
0
RTCAEN
RTC Alarm Interrupt Enable
‘0’: RTC_alarmIT is disabled.
‘1’: RTC_alarmIT is enabled.
0
RTCOFF
RTC Switch Off bit
‘0’: clock oscillator and RTC run even if ST10 is in Power Down mode.
‘1’: clock oscillator is off when ST10 enters Power Down mode. Besides,
setting this bit stop RTC dividers and counters, and registers can be written.
0
OSC
Oscillator Selection Flag
‘0’: the clock oscillator used by the RTC is the Main oscillator.
‘1’: the clock oscillator used by the RTC is the low power 32 kHz oscillator.
U
OFF32
32 kHz Oscillator Switch Off bit
‘0’: The 32 kHz oscillator is enabled. RTC clocked by 32 kHz oscillator (if
there is a valid signal).
‘1’: The 32 kHz oscillator is disabled. RTC clocked by the main oscillator.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com