Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2555 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 21Page - STMicroelectronics AN2555 Datasheet HTML 22Page - STMicroelectronics AN2555 Datasheet HTML 23Page - STMicroelectronics AN2555 Datasheet HTML 24Page - STMicroelectronics AN2555 Datasheet HTML 25Page - STMicroelectronics AN2555 Datasheet HTML 26Page - STMicroelectronics AN2555 Datasheet HTML 27Page - STMicroelectronics AN2555 Datasheet HTML 28Page - STMicroelectronics AN2555 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AN2555 - Application note
New registers
25/33
4
New registers
4.1
XADRS3 register
On previous ST10 devices, this register was already present but its value was mask programmed. On the
ST10F276Z5 this register has been made available to the user. It makes it possible for the user to
configure the window size and start address for the accesses to the XFlash and XRAM2 (the 2 modules
are on the same XBus chip select).
ST10F276Z5: XADRS3 (F01Ch)
SFR
Reset Value: 800Bh
The register functionality is the same as that of ADDRSELx registers used for external address range
selection, with some limitations:
●
the address window can only be located in the first Mbyte of addressable space, that is, in the
00’0000h-0F’FFFFh range
●
the window start address must be aligned to a Range Size boundary
4.1.1
Hardware impacts
None.
15
14
13
12
11
10
987
65432
10
RGSAD
RGSZ
RW
RW
Table 10.
XADRS3 register bits
Bit number
Bit name
Function
3..0
RGSZ
Range Size Selection
Defines the size of the address window.
15..4
RGSAD
Range Start Address
Defines the bits A19..A8 of the start address of the address window.
Table 11.
Definition of address area
Bit field
RGSZ
Selected window
size
Relevant bit (R) of
RGSAD
Selected range Start Address
Relevant bit (R) of Address (A23 - A0)
0 0 0 0
256 bytes
RRRR RRRR RRRR
0000 RRRR RRRR RRRR xxxx xxxx
0 0 0 1
512 bytes
RRRR RRRR RRRx
0000 RRRR RRRR RRRx xxxx xxxx
...
...
...
...
1 0 1 0
256 Kbytes
RRxx xxxx xxxx
0000 RRxx xxxx xxxx xxxx xxxx
1 0 1 1
512 Kbytes
Rxxx xxxx xxxx
0000 Rxxx xxxx xxxx xxxx xxxx
1 1 x x
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com