Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2555 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2555 Datasheet HTML 1Page - STMicroelectronics AN2555 Datasheet HTML 2Page - STMicroelectronics AN2555 Datasheet HTML 3Page - STMicroelectronics AN2555 Datasheet HTML 4Page - STMicroelectronics AN2555 Datasheet HTML 5Page - STMicroelectronics AN2555 Datasheet HTML 6Page - STMicroelectronics AN2555 Datasheet HTML 7Page - STMicroelectronics AN2555 Datasheet HTML 8Page - STMicroelectronics AN2555 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AN2555 - Application note
Modified features
5/33
Software impact
In case the optional 32 kHz is not used, the OFF32 bit of the RTCCON register must be set. Prior to
setting the OFF32 bit in RTCCON register, the RTC must be enabled by setting RTCEN, bit 4 of
XPERCON, and XPEN, bit 3 of SYSCON.
1.2
XRAM
The ST10F269Zx has 10 Kbytes of extension RAM whereas the ST10F276Z5 has 66 Kbytes.
The XRAM of the ST10F269Zx is divided into 2 ranges, XRAM1 of 2 Kbytes and XRAM2 of 8 Kbytes:
●
The XRAM1 address range is 00’E000h - 00’E7FFh if enabled (XPEN and XRAM1EN, bit 2 of
SYSCON register and of XPERCON register, respectively, must both be set).
●
The XRAM2 address range is 00’C000h - 00’DFFFh if enabled (XPEN and XRAM2EN, bit 2 of
SYSCON register and bit 3 of XPERCON register, respectively, must both be set).
The XRAM of the ST10F276Z5 is divided into 2 ranges, XRAM1 of 2 Kbytes and XRAM2 of 64 Kbytes:
●
The XRAM1 address range is 00’E000h - 00’E7FFh if enabled (XPEN and XRAM1EN, bit 2 of
SYSCON register and bit 2 of XPERCON register, respectively, must both be set).
●
The XRAM2 address range is 0F’0000h - 0F’FFFFh if enabled (XPEN and XRAM2EN, bit 2 of
SYSCON register and bit 3 of XPERCON register, respectively, must both be set).
1.2.1
Hardware impacts
None.
1.2.2
Software impacts
There is no change in the enabling of the XRAM blocks: XPERCON register bits, XRAM1EN and
XRAM2EN, and SYSCON register bit, XPEN, are used to enable them.
The memory mapping of the application is impacted by the different XRAM size and the different location
of XRAM2 in segment 15. In the ST10F269Zx the whole XRAM is in page 3 of segment 0.
Variables and PEC transfers
For architecture reasons, the PEC destination and source pointers must be in segment 0. Therefore all
RAM variables and arrays that will be PEC addressed must be located within either the DPRAM
(00’F600h - 00’FDFFh) or XRAM1 (00’E000h - 00’E7FFh).
About Toolchain memory model
A change in the Toolchain configuration is needed to take into account the new XRAM2 location. In the
ST10F269Zx, the entire XRAM is in page 3 and is then automatically addressed using DPP3 that points
to page 3 (in order to access the DPRAM and the SFR/ESFR). For the ST10F276Z5, it is necessary to
dedicate a DPP to access some of XRAM2.
Example in case of Small Memory Model with Tasking toolchain
The Small memory model makes it possible to have a total code size up to 16 Mbytes, up to 64 Kbytes of
fast accessible 'normal user data' in three different memory configurations and the possibility to access
far/huge data, if more than 64 Kbytes of data is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com