Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2555 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 17Page - STMicroelectronics AN2555 Datasheet HTML 18Page - STMicroelectronics AN2555 Datasheet HTML 19Page - STMicroelectronics AN2555 Datasheet HTML 20Page - STMicroelectronics AN2555 Datasheet HTML 21Page - STMicroelectronics AN2555 Datasheet HTML 22Page - STMicroelectronics AN2555 Datasheet HTML 23Page - STMicroelectronics AN2555 Datasheet HTML 24Page - STMicroelectronics AN2555 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AN2555 - Application note
New features
21/33
XCLKOUTDIV (E902h)
XBUS
Reset Value: --00h
2.3.1
Hardware impact
None.
2.3.2
Software impact
None if only CLOCKOUT is needed.
When the CLKOUT function is enabled by setting the CLKEN bit of the SYSCON register, by default the
CPU clock is output on P3.15. To have access to the XCLKOUTDIV register, and thus program the clock
pre-scaling factor, the XMISCEN bit of the XPERCON register and the XPEN bit of the SYSCON register
must be set.
2.4
Additional port input control: XPICON register
The possibility to select between TTL and CMOS-like input thresholds has been extended to the Ports 0,
1 and 5.
ST10F276Z5: XPICON (EB26h)
XREG
Reset Value: --00h
2.4.1
Hardware impacts
None.
2.4.2
Software impacts
None.
15
14
13
12
11
10
987
65432
10
--
-----
-
DIV
RW
Bit
Function
DIV
fCLKOUT = fCPU / (DIV + 1)
15
14
13
12
11
10
9
8
7
6
54
3210
-
----
----
-
P5HIN P5LIN P1HIN P1LIN P0HIN P0LIN
RW
RW
RW
RW
RW
RW
Bit
Function
Reset Value
PxLIN
Port x Lower Byte Input Level Selection
0:
Pins Px.7..0 switch on standard TTL input levels
1:
Pins Px.7..0 switch on CMOS input levels
0
PxHIN
Port x Higher Byte Input Level Selection
0:
Pins Px.15..8 switch on standard TTL input levels
1:
Pins Px.15..8 switch on CMOS input levels
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com