Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2555 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 10Page - STMicroelectronics AN2555 Datasheet HTML 11Page - STMicroelectronics AN2555 Datasheet HTML 12Page - STMicroelectronics AN2555 Datasheet HTML 13Page - STMicroelectronics AN2555 Datasheet HTML 14Page - STMicroelectronics AN2555 Datasheet HTML 15Page - STMicroelectronics AN2555 Datasheet HTML 16Page - STMicroelectronics AN2555 Datasheet HTML 17Page - STMicroelectronics AN2555 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AN2555 - Application note
Modified features
14/33
1.7
Port input control
The Port Input Control register PICON is used to select between TTL and CMOS-like input thresholds.
The CMOS-like input thresholds are defined above the TTL levels and feature a hysteresis to prevent the
inputs from toggling while the respective input signal level is near the thresholds.
On the ST10F269Zx this feature is available for all pins of Port 2, Port 3, Port4, Port 7 and Port 8 and the
hysteresis level is 250mV for CMOS levels.
In the ST10F276Z5, Port 6 has been added. Moreover the default hysteresis is now 500mV for TTL levels
and 800mV for CMOS levels.
ST10F269Zx: PICON (F1C4h / E2h)
ESFR
Reset Value: --00h
ST10F276Z5: PICON (F1C4h / E2h)
ESFR
Reset Value: --00h
1.7.1
Hardware impacts
The CMOS levels of the 2 devices are slightly different, therefore the circuitry must be checked to verify
that the new levels can still match the requirements. Refer to the ST10F276Z5 datasheet and to the
Section 5.1: DC characteristics for more details.
1.7.2
Software impacts
The initialization of the PICON register should be checked to control that it is not writing to the new bit
P6LIN.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
---
---
--
P8LIN P7LIN
-
P4LIN P3HIN P3LIN P2HIN P2LIN
RW
RW
-
RW
RWRWRWRW
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
---
--
---
P8LIN P7LIN P6LIN P4LIN P3HIN P3LIN P2HIN P2LIN
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
Reset Value
PxLIN
Port x Low Byte Input Level Selection
‘0’:
Pins Px.7..0 switch on standard TTL input levels
1:
Pins Px.7..0 switch on CMOS input levels
0
PxHIN
Port x High Byte Input Level Selection
‘0’:
Pins Px.15..8 switch on standard TTL input levels
‘1’:
Pins Px.15..8 switch on CMOS input levels
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com