Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2555 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 18Page - STMicroelectronics AN2555 Datasheet HTML 19Page - STMicroelectronics AN2555 Datasheet HTML 20Page - STMicroelectronics AN2555 Datasheet HTML 21Page - STMicroelectronics AN2555 Datasheet HTML 22Page - STMicroelectronics AN2555 Datasheet HTML 23Page - STMicroelectronics AN2555 Datasheet HTML 24Page - STMicroelectronics AN2555 Datasheet HTML 25Page - STMicroelectronics AN2555 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
AN2555 - Application note
Modified registers
22/33
3
Modified registers
3.1
XPERCON register
In the ST10F276Z5, new bits have been added with regards to the additional XPeripherals.
The XPERCON register allows the XBUS peripherals to be separately selected and made visible to the
user by means of the corresponding bits. If not selected (not activated with a bit of XPERCON) before
the XPEN bit in SYSCON is set, the corresponding address space, port pins and interrupts are not
occupied by the peripheral, and thus this peripheral is not visible and not available.
ST10F269Zx: XPERCON (F024h / 12h)
SFR
Reset Value: --05h
ST10F276Z5: XPERCON (F024h / 12h)
SFR
Reset Value: -005h
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
---
--
--
--
--
RTCEN XRAM2EN XRAM1EN CAN2EN CAN1EN
RW
RW
RW
RW
RW
15
14
13
12
11
10
98
7654321
0
-
----
XMIS
CEN
XI2C
EN
XSSC
EN
XASC
EN
XPW
MEN
XFLA
SHEN
RTCE
N
XRA
M2EN
XRA
M1EN
CAN2
EN
CAN1
EN
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
number
Bit name
Function
0
CAN1EN
CAN1 Enable Bit
’0’: Accesses to the CAN1 and its functions are disabled (P4.5 and P4.6 pins
can be used as general purpose IOs)
’1’: The CAN1 is enabled and can be accessed.
1
CAN2EN
CAN2 Enable Bit
’0’: Accesses to the CAN2 and its functions are disabled (P4.4 and P4.7 pins
can be used as general purpose IOs)
’1’: The CAN2 is enabled and can be accessed.
2
XRAM1EN
XRAM1 Enable Bit
’0’: Accesses to the XRAM1 block are disabled, external access performed.
’1’: The on-chip XRAM1 is enabled and can be accessed.
3
XRAM2EN
XRAM2 Enable Bit
’0’: Accesses to the XRAM2 block are disabled, external access performed.
’1’: The on-chip XRAM2 is enabled and can be accessed.
4RTCEN
RTC Enable Bit
‘0’: Accesses to the Real Time Clock are disabled, external access
performed.
‘1’: The on-chip Real Time Clock is enabled and can be accessed.
5
XFLASHEN
XFLASH Enable Bit
‘0’: Accesses to the on-chip XFLASH are disabled, external access
performed.
‘1’: The on-chip XFLASH is enabled and can be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com