Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2555 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2555
Description  Porting an application from the ST10F269Zx to the ST10F276Z5
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2555 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2555 Datasheet HTML 19Page - STMicroelectronics AN2555 Datasheet HTML 20Page - STMicroelectronics AN2555 Datasheet HTML 21Page - STMicroelectronics AN2555 Datasheet HTML 22Page - STMicroelectronics AN2555 Datasheet HTML 23Page - STMicroelectronics AN2555 Datasheet HTML 24Page - STMicroelectronics AN2555 Datasheet HTML 25Page - STMicroelectronics AN2555 Datasheet HTML 26Page - STMicroelectronics AN2555 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AN2555 - Application note
Modified registers
23/33
Accesses to the XPeripherals are configured through 3 pairs of specific XBus configuration registers,
equivalent to the External Bus registers BUSCONx and ADDRSELx. Therefore several XPeripherals are
sharing the same pair, with the consequence that accesses to disabled XPeripherals are only re-directed
to external memory if all the XPeripherals sharing the same pair of registers are disabled.
The XPeripherals are grouped as follows:
●
Group 1: CAN1, CAN2, XASC, XSSC, XI2C, XPWM, XRTC and XMISC, address range 00’E800h-
00’EFFFh.
●
Group 2: XRAM1, address range 00’E000h-00’E7FFh.
●
Group 3: XRAM2 and XFLASH, address range 09’0000h-0F’FFFFh.
3.1.1
Hardware impacts
None.
3.1.2
Software impacts
None if the ST10F269Zx software is not writing to the reserved bit.
3.2
IDCHIP register
A new field has been added inside the IDCHIP register in order to distinguish the different peripheral
options.
ST10F269Zx: IDCHIP (F07Ch)
ESFR
Reset Value: 10DXh
6
XPWMEN
XPWM Enable
‘0’: Accesses to the XPWM module are disabled, external access performed.
‘1’: The on-chip XPWM module is enabled and can be accessed.
7
XASCEN
XASC Enable Bit
‘0’: Accesses to the XASC module are disabled, external access performed.
‘1’: The on-chip XASC is enabled and can be accessed.
8
XSSCEN
XSSC Enable Bit
‘0’: Accesses to the XSSC module are disabled, external access performed.
‘1’: The on-chip XSSC is enabled and can be accessed.
9XI2CEN
XI 2 C Enable Bit
‘0’: Accesses to the XI2C module are disabled, external access performed.
‘1’: The on-chip XI 2 C is enabled and can be accessed.
10
XMISCEN
XBUS Additional Features Enable Bit
‘0’: Accesses to the Additional Miscellaneous Features are disabled.
‘1’: The Additional Features are enabled and can be accessed.
11...15
Reserved
15
14
13
12
11
10
9876543210
CHIPID
REVID
RR
Bit
number
Bit name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com