Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2606 Datasheet(PDF) 67 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 63Page - STMicroelectronics AN2606 Datasheet HTML 64Page - STMicroelectronics AN2606 Datasheet HTML 65Page - STMicroelectronics AN2606 Datasheet HTML 66Page - STMicroelectronics AN2606 Datasheet HTML 67Page - STMicroelectronics AN2606 Datasheet HTML 68Page - STMicroelectronics AN2606 Datasheet HTML 69Page - STMicroelectronics AN2606 Datasheet HTML 70Page - STMicroelectronics AN2606 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 155 page
background image
DocID13801 Rev 21
67/155
AN2606
STM32F302xB(C)/303xB(C) devices bootloader
154
The bootloader has two case of operation depending on the presence of the external clock
(HSE) at bootloader startup:
•
If HSE is present and has a value of 24, 18, 16, 12, 9, 8, 6, 4 or 3 MHz, the system
clock is configured to 48 MHz with HSE as clock source. The DFU interface, USART1
and USART2 are functional and can be used to communicate with the bootloader
device.
•
If HSE is not present, the HSI is kept as default clock source and only USART1 and
USART2 are functional.
The external clock (HSE) must be kept if it’s connected at bootloader startup because it will
be used as system clock source.
USART2 bootloader
USART2
Enabled
Once initialized, the USART2 configuration
is: 8 bits, even parity and 1 Stop bit. The
USART2 uses its remapped pins.
USART2_RX pin
Input
PD6 pin: USART2 in reception mode
USART2_TX pin
Output
PD5 pin: USART2 in transmission mode
DFU bootloader
USB
Enabled
USB used in FS mode
USB_DM pin
Input/Output
PA11: USB DM line.
USB_DP pin
PA12: USB DP line
An external pull-up resistor 1.5 KOhm must
be connected to USB_DP pin.
Table 32. STM32F302xB(C)/303xB(C) configuration in System memory boot mode (continued)
Bootloader
Feature/Peripheral
State
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com