Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2606 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 24Page - STMicroelectronics AN2606 Datasheet HTML 25Page - STMicroelectronics AN2606 Datasheet HTML 26Page - STMicroelectronics AN2606 Datasheet HTML 27Page - STMicroelectronics AN2606 Datasheet HTML 28Page - STMicroelectronics AN2606 Datasheet HTML 29Page - STMicroelectronics AN2606 Datasheet HTML 30Page - STMicroelectronics AN2606 Datasheet HTML 31Page - STMicroelectronics AN2606 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 155 page
background image
STM32F105xx/107xx devices bootloader
AN2606
28/155
DocID13801 Rev 21
5.3
Bootloader version
The following table lists the STM32F105xx/107xx devices bootloader versions:
Table 9. STM32F105xx/107xx bootloader versions
5.3.1
How to identify STM32F105xx/107xx bootloader versions
Bootloader V1.0 is implemented on devices which date code is below 937 (refer to
STM32F105xx and STM32F107xx datasheet for where to find the date code on the device
marking). Bootloader V2.0 and V2.1 are implemented on devices with a date code higher or
equal to 937.
There are two ways to distinguish between bootloader versions:
•
When using the USART bootloader, the Get-Version command defined in AN2606 and
AN3155 has been corrected in V2.1 version. It returns 0x22 instead of 0x20 as in
bootloader V2.0.
Bootloader version
number
Description
V1.0
Initial bootloader version
V2.0
– Bootloader detection mechanism updated to fix the issue when GPIOs of
unused peripherals in this bootloader are connected to low level or left
floating during the detection phase.
For more details please refer to Section 5.3.2.
– Vector table set to 0x1FFF B000 instead of 0x0000 0000
– Go command updated (for all bootloaders): USART1, USART2, CAN2,
GPIOA, GPIOB, GPIOD and SysTick peripheral registers are set to their
default reset values
– DFU bootloader: USB pending interrupt cleared before executing the Leave
DFU command
– DFU subprotocol version changed from V1.0 to V1.2
– Bootloader version updated to V2.0
V2.1
– Fixed PA9 excessive consumption described in Section 5.3.4.
– Get-Version command (defined in AN3155) corrected. It returns 0x22
instead of 0x20 in bootloader V2.0. Refer to Section 5.3.3 for more details.
– Bootloader version updated to V2.1
V2.2
– Fixed DFU option bytes descriptor (set to ‘e’ instead of ‘g’ because it is
read/write and not erasable).
– Fixed DFU polling timings for Flash Read/Write/Erase operations.
– Robustness enhancements for DFU bootloader interface.
– Updated bootloader version to V2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com