Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2606 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 42Page - STMicroelectronics AN2606 Datasheet HTML 43Page - STMicroelectronics AN2606 Datasheet HTML 44Page - STMicroelectronics AN2606 Datasheet HTML 45Page - STMicroelectronics AN2606 Datasheet HTML 46Page - STMicroelectronics AN2606 Datasheet HTML 47Page - STMicroelectronics AN2606 Datasheet HTML 48Page - STMicroelectronics AN2606 Datasheet HTML 49Page - STMicroelectronics AN2606 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 155 page
background image
STM32F2xxxx devices bootloader
AN2606
46/155
DocID13801 Rev 21
The system clock is derived from the embedded internal high-speed RC for USARTx
bootloaders. This internal clock is also used for CAN and DFU (USB FS Device) but only for
the selection phase. An external clock multiple of 1 MHz (between 4 and 26 MHz) is
required for CAN and DFU bootloader execution after the selection phase.
USART1 bootloader
USART1
Enabled
Once initialized, the USART1 configuration
is: 8 bits, even parity and 1 Stop bit.
USART1_RX pin
Input
PA10 pin: USART1 in reception mode
USART1_TX pin
Output
PA9 pin: USART1 in transmission mode
USART3 bootloader
(on PB10/PB11)
USART3
Enabled
Once initialized, the USART3 configuration
is: 8 bits, even parity and 1 Stop bit.
USART3_RX pin
Input
PB11 pin: USART3 in reception mode
USART3_TX pin
Output
PB10 pin: USART3 in transmission mode
USART3 bootloader
(on PC10/PC11)
USART3
Enabled
Once initialized, the USART3 configuration
is: 8 bits, even parity and 1 Stop bit.
USART3_RX pin
Input
PC11 pin: USART3 in reception mode
USART3_TX pin
Output
PC10 pin: USART3 in transmission mode
USART1 and
USART3 bootloaders
SysTick timer
Enabled
Used to automatically detect the serial baud
rate from the host for USARTx bootloaders.
CAN2 bootloader
CAN2
Enabled
Once initialized, the CAN2 configuration is:
Baudrate 125 kbps, 11-bit identifier.
Note: CAN1 is clocked during CAN2
bootloader execution because CAN1
manages the communication between
CAN2 and SRAM.
CAN2_RX pin
Input
PB5 pin: CAN2 in reception mode
CAN2_TX pin
Output
PB13 pin: CAN2 in transmission mode
DFU bootloader
USB
Enabled
USB OTG FS configured in Forced Device
mode
USB_DM pin
Input/Output
PA11: USB DM line.
USB_DP pin
PA12: USB DP line
No external Pull-up resistor is required
CAN2 and DFU
bootloaders
TIM11
Enabled
This timer is used to determine the value of
the HSE. Once the HSE frequency is
determined, the system clock is configured
to 60 MHz using PLL and HSE.
Table 20. STM32F2xxxx configuration in System memory boot mode (continued)
Bootloader
Feature/Peripheral
State
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com