Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2606 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 19Page - STMicroelectronics AN2606 Datasheet HTML 20Page - STMicroelectronics AN2606 Datasheet HTML 21Page - STMicroelectronics AN2606 Datasheet HTML 22Page - STMicroelectronics AN2606 Datasheet HTML 23Page - STMicroelectronics AN2606 Datasheet HTML 24Page - STMicroelectronics AN2606 Datasheet HTML 25Page - STMicroelectronics AN2606 Datasheet HTML 26Page - STMicroelectronics AN2606 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 155 page
background image
DocID13801 Rev 21
23/155
AN2606
STM32F10xxx devices bootloader
154
4
STM32F10xxx devices bootloader
4.1
Bootloader configuration
The STM32F10xxx bootloader is activated by applying pattern1 (described in Table 2:
Bootloader activation patterns). The following table shows the hardware resources used by
this bootloader.
The system clock is derived from the embedded internal high-speed RC, no external quartz
is required for the bootloader execution.
Table 6. STM32F10xxx configuration in System memory boot mode
Bootloader
Feature/Peripheral
State
Comment
USART1
bootloader
RCC
HSI enabled
The system clock frequency is 24 MHz
using the PLL.
RAM
-
512 bytes starting from address
0x20000000 are used by the bootloader
firmware.
System memory
-
2 Kbytes starting from address
0x1FFFF000 contain the bootloader
firmware.
IWDG
-
The independent watchdog (IWDG)
prescaler is configured to its maximum
value and is periodically refreshed to
prevent watchdog reset (in case the
hardware IWDG option was previously
enabled by the user).
USART1
Enabled
Once initialized, the USART1 configuration
is: 8 bits, even parity and 1 Stop bit.
USART1_RX pin
Input
PA10 pin: USART1 in reception mode
USART1_TX pin
Output push-pull
PA9 pin: USART1 in transmission mode
SysTick timer
Enabled
Used to automatically detect the serial baud
rate from the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com