Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2606 Datasheet(PDF) 90 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 86Page - STMicroelectronics AN2606 Datasheet HTML 87Page - STMicroelectronics AN2606 Datasheet HTML 88Page - STMicroelectronics AN2606 Datasheet HTML 89Page - STMicroelectronics AN2606 Datasheet HTML 90Page - STMicroelectronics AN2606 Datasheet HTML 91Page - STMicroelectronics AN2606 Datasheet HTML 92Page - STMicroelectronics AN2606 Datasheet HTML 93Page - STMicroelectronics AN2606 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 155 page
background image
STM32F07xxx devices bootloader
AN2606
90/155
DocID13801 Rev 21
Note:
After the STM32F07xxx devices have booted in Bootloader mode using USART2, the serial
wire debug (SWD) communication is no more possible until the system is reset, because
SWD uses PA14 pin (SWCLK) which is already used by the Bootloader (USART2_RX).
The system clock is derived from the embedded internal high-speed RC, no external quartz
is required for the bootloader execution.
I2C1 bootloader
I2C1
Enabled
The I2C1 configuration is:
I2C speed: up to 400 KHz, 7-bit address,
slave mode, analog filter ON. Slave 7-bit
address: 0b0111011x (where x = 0 for write
and x = 1 for read)
I2C1_SCL pin
Input/Output
PB6 pin: clock line is used in open-drain
mode.
I2C1_SDA pin
Input/Output
PB7 pin: data line is used in open-drain
mode.
DFU bootloader
USB
Enabled
USB used in FS mode
USB_DM pin
Input/Output
PA11: USB DM line.
USB_DP pin
PA12: USB DP line
No external pull-up resistor is required.
Table 44. STM32F07xxx configuration in System memory boot mode (continued)
Bootloader
Feature/Peripheral
State
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com