Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2606 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 26Page - STMicroelectronics AN2606 Datasheet HTML 27Page - STMicroelectronics AN2606 Datasheet HTML 28Page - STMicroelectronics AN2606 Datasheet HTML 29Page - STMicroelectronics AN2606 Datasheet HTML 30Page - STMicroelectronics AN2606 Datasheet HTML 31Page - STMicroelectronics AN2606 Datasheet HTML 32Page - STMicroelectronics AN2606 Datasheet HTML 33Page - STMicroelectronics AN2606 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 155 page
background image
STM32F105xx/107xx devices bootloader
AN2606
30/155
DocID13801 Rev 21
5.3.3
USART bootloader Get-Version command returns 0x20
instead of 0x22
Description
In USART mode, the Get-Version command (defined in AN3155) returns 0x20 instead of
0x20.
This limitation is present on bootloader versions V1.0 and V2.0, while it is fixed in bootloader
version 2.1.
Workaround
None.
5.3.4
PA9 excessive power consumption when USB cable is plugged
in bootloader V2.0
Description
When connecting a USB cable after booting from System-Memory mode, PA9 pin
(connected to VBUS=5 V) is also shared with USART TX pin which is configured as alternate
push-pull and forced to 0 since the USART peripheral is not yet clocked. As a consequence,
a current higher than 25 mA is drained by PA9 I/O and may affect the I/O pad reliability.
This limitation is fixed in bootloader version 2.1 by configuring PA9 as alternate function
push-pull when a correct 0x7F is received on RX pin and the USART is clocked. Otherwise,
PA9 is configured as alternate input floating.
Workaround
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com