Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2606 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 37Page - STMicroelectronics AN2606 Datasheet HTML 38Page - STMicroelectronics AN2606 Datasheet HTML 39Page - STMicroelectronics AN2606 Datasheet HTML 40Page - STMicroelectronics AN2606 Datasheet HTML 41Page - STMicroelectronics AN2606 Datasheet HTML 42Page - STMicroelectronics AN2606 Datasheet HTML 43Page - STMicroelectronics AN2606 Datasheet HTML 44Page - STMicroelectronics AN2606 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 155 page
background image
DocID13801 Rev 21
41/155
AN2606
STM32L1xxxD devices bootloader
154
9.3
Bootloader version
The following table lists the STM32L1xxxD devices bootloader versions:
Table 17. STM32L1xxxD bootloader versions
Bootloader version
number
Description
Known limitations
V4.1
Initial bootloader version
– In the bootloader code the PA13
(JTMS/SWDIO) I/O output speed
is configured to 400 KHz, as
consequence some debugger can
not connect to the device in Serial
Wire mode when the bootloader is
running.
– When the DFU bootloader is
selected, the RTC is reset and thus
all RTC information (calendar,
alarm, ...) will be lost including
backup registers. Note: When the
USART bootloader is selected
there is no change on the RTC
configuration (including backup
registers).
V4.2
Fix V4.1 limitations (available on
Rev.Z devices only.)
– Stack overflow by 8 bytes when
jumping to Bank1/Bank2 if BFB2=0
or when Read Protection level is
set to 2.
Workaround: the user code should
force in the startup file the top of
stack address before to jump to the
main program. This can be done in
the “Reset_Handler” routine.
– When the Stack of the user code is
placed outside the SRAM (ie. @
0x2000C000) the bootloader
cannot jump to that user code
which is considered invalid. This
might happen when using
compilers which place the stack at
a non-physical address at the top
of the SRAM (ie. @ 0x2000C000).
Workaround: place manually the
stack at a physical address.
V4.5
Fix V4.2 limitations.
DFU interface robustness
enhancements (available on Rev.Y
devices only).
– For the USART interface, two
consecutive NACKs (instead of 1
NACK) are sent when a Read
Memory or Write Memory
command is sent and the RDP
level is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com