Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2606 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 21Page - STMicroelectronics AN2606 Datasheet HTML 22Page - STMicroelectronics AN2606 Datasheet HTML 23Page - STMicroelectronics AN2606 Datasheet HTML 24Page - STMicroelectronics AN2606 Datasheet HTML 25Page - STMicroelectronics AN2606 Datasheet HTML 26Page - STMicroelectronics AN2606 Datasheet HTML 27Page - STMicroelectronics AN2606 Datasheet HTML 28Page - STMicroelectronics AN2606 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 155 page
background image
DocID13801 Rev 21
25/155
AN2606
STM32F105xx/107xx devices bootloader
154
5
STM32F105xx/107xx devices bootloader
5.1
Bootloader configuration
The STM32F105xx/107xx bootloader is activated by applying pattern1 (described in
Table 2: Bootloader activation patterns). The following table shows the hardware resources
used by this bootloader.
Table 8. STM32F105xx/107xx configuration in System memory boot mode
Bootloader
Feature/Peripheral
State
Comment
Common to all
bootloaders
RCC
HSI enabled
The system clock frequency is 24 MHz
using the PLL. This is used only for
USART1 and USART2 bootloaders and
during CAN2, USB detection for CAN and
DFU bootloaders (once CAN or DFU
bootloader is selected, the clock source will
be derived from the external crystal).
HSE enabled
The external clock is mandatory only for
DFU and CAN bootloaders and it must
provide one of the following frequencies: 8
MHz, 14.7456 MHz or 25 MHz.
For CAN bootloader, the PLL is used only
to generate 48 MHz when 14.7456 MHz is
used as HSE.
For DFU bootloader, the PLL is used to
generate a 48 MHz system clock from all
supported external clock frequencies.
-
The Clock Security System (CSS) interrupt
is enabled for the CAN and DFU
bootloaders. Any failure (or removal) of the
external clock will generate system reset.
IWDG
-
The independent watchdog (IWDG)
prescaler is configured to its maximum
value and is periodically refreshed to
prevent watchdog reset (in case the
hardware IWDG option was previously
enabled by the user).
System memory
-
18 Kbytes starting from address 0x1FFF
B000 contain the bootloader firmware.
RAM
-
4 Kbytes starting from address 0x20000000
are used by the bootloader firmware.
USART1 bootloader
USART1
Enabled
Once initialized, the USART1 configuration
is: 8 bits, even parity and 1 Stop bit.
USART1_RX pin
Input
PA10 pin: USART1 in reception mode
USART1_TX pin
Output push-pull
PA9 pin: USART1 in transmission mode
USART1 and
USART2 bootloaders
SysTick timer
Enabled
Used to automatically detect the serial baud
rate from the host for USARTx bootloader.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com