Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2606 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 31Page - STMicroelectronics AN2606 Datasheet HTML 32Page - STMicroelectronics AN2606 Datasheet HTML 33Page - STMicroelectronics AN2606 Datasheet HTML 34Page - STMicroelectronics AN2606 Datasheet HTML 35Page - STMicroelectronics AN2606 Datasheet HTML 36Page - STMicroelectronics AN2606 Datasheet HTML 37Page - STMicroelectronics AN2606 Datasheet HTML 38Page - STMicroelectronics AN2606 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 155 page
background image
DocID13801 Rev 21
35/155
AN2606
STM32L1xxxC devices bootloader
154
8
STM32L1xxxC devices bootloader
8.1
Bootloader configuration
The STM32L1xxxC bootloader is activated by applying pattern1 (described in Table 2:
Bootloader activation patterns). The following table shows the hardware resources used by
this bootloader.
Table 14. STM32L1xxxC configuration in System memory boot mode
Bootloader
Feature/Peripheral
State
Comment
Common to all
bootloaders
RCC
HSI enabled
The system clock frequency is 16 MHz
using the HSI. This is used only for
USART1 and USART2 bootloaders and
during USB detection for DFU bootloader
(once the DFU bootloader is selected, the
clock source is derived from the external
crystal).
HSE enabled
The external clock is mandatory only for the
DFU bootloader and must be in the
following range:
[24, 16, 12, 8, 6, 4, 3, 2] MHz.
The PLL is used to generate the USB
48 MHz clock and the 32 MHz clock for the
system clock.
-
The Clock Security System (CSS) interrupt
is enabled for the DFU bootloader. Any
failure (or removal) of the external clock
generates a system reset.
IWDG
-
The independent watchdog (IWDG)
prescaler is configured to its maximum
value and is periodically refreshed to
prevent watchdog resets (in case the
hardware IWDG option was previously
enabled by the user).
Power
Voltage range is set to Voltage Range 1.
System memory
-
8 Kbytes starting from address
0x1FF0 0000. This area contains the
bootloader firmware.
RAM
-
4 Kbytes starting from address 0x20000000
are used by the bootloader firmware.
USART1 bootloader
USART1
Enabled
Once initialized, the USART1 configuration
is 8 bits, even parity and 1 stop bit.
USART1_RX pin
Input
PA10 pin: USART1 in reception mode
USART1_TX pin
Output
PA9 pin: USART1 in transmission mode
USART1 and
USART2 bootloaders
SysTick timer
Enabled
Used to automatically detect the serial baud
rate from the host for the USARTx
bootloader.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com