Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2606 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 35Page - STMicroelectronics AN2606 Datasheet HTML 36Page - STMicroelectronics AN2606 Datasheet HTML 37Page - STMicroelectronics AN2606 Datasheet HTML 38Page - STMicroelectronics AN2606 Datasheet HTML 39Page - STMicroelectronics AN2606 Datasheet HTML 40Page - STMicroelectronics AN2606 Datasheet HTML 41Page - STMicroelectronics AN2606 Datasheet HTML 42Page - STMicroelectronics AN2606 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
DocID13801 Rev 21
39/155
AN2606
STM32L1xxxD devices bootloader
154
The system clock is derived from the embedded internal high-speed RC for USARTx
bootloader. This internal clock is used also for DFU bootloader but only for the selection
phase. An external clock in the range of [24, 16, 12, 8, 6, 4, 3, 2] MHz is required for DFU
bootloader execution after the selection phase.
USART2 bootloader
USART2
Enabled
Once initialized, the USART2 configuration
is: 8 bits, even parity and 1 Stop bit. The
USART2 uses its remapped pins.
USART2_RX pin
Input
PD6 pin: USART2 in reception mode
USART2_TX pin
Output
PD5 pin: USART2 in transmission mode
DFU bootloader
USB
Enabled
USB used in FS mode
USB_DM pin
Input/Output
PA11: USB DM line.
USB_DP pin
PA12: USB DP line
An external pull-up resistor 1.5 KOhm must
be connected to USB_DP pin.
Table 16. STM32L1xxxD configuration in System memory boot mode (continued)
Bootloader
Feature/Peripheral
State
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com