Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2641 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 2Page - STMicroelectronics AN2641 Datasheet HTML 3Page - STMicroelectronics AN2641 Datasheet HTML 4Page - STMicroelectronics AN2641 Datasheet HTML 5Page - STMicroelectronics AN2641 Datasheet HTML 6Page - STMicroelectronics AN2641 Datasheet HTML 7Page - STMicroelectronics AN2641 Datasheet HTML 8Page - STMicroelectronics AN2641 Datasheet HTML 9Page - STMicroelectronics AN2641 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Overview of the CLCD controller
AN2641
6/37
Doc ID 14027 Rev 1
1
Overview of the CLCD controller
Main features:
●
Dual 16-deep programmable 32-bit wide FIFOs for buffering incoming display data
●
Supports single and dual panel mono Super Twisted Nematic (STN) displays with 4 or
8-bit interfaces
●
Supports single and dual-panel color and monochrome STN displays
●
Supports Thin Film Transistor (TFT) color displays
●
Resolution programmable up to 1024 x 768
●
15 gray-level mono, 3375 color STN, and 32K color TFT support
●
1, 2, or 4 bits-per-pixel (bpp) palettized displays for mono STN
●
1, 2, 4 or 8 bpp palettized color displays for color STN and TFT
●
16 bits-per-pixel (bpp) true-color non-palettized, for color STN and TFT
●
24 bpp true-color non-palettized, for color TFT
●
Programmable timing for different display panels
●
256 entry, 16-bit palette RAM, physically arranged as a 128 x 32-bit RAM
●
Frame, line and pixel clock signals
●
AC bias signal for STN and data enable signal for TFT panels
●
Patented gray scale algorithm
●
Supports little-endian, big-endian or WinCE data formats
●
LCD can support standard panel resolutions such as:
–
320 x 200, 320 x 240
–
640 x 200, 640 x 240, 640 x 480
–
800 x 600
–
1024 x 768
Types of LCD panel supported are:
●
Active matrix TFT panels with up to 24-bit bus interface
●
Single-panel monochrome STN panels (4-bit and 8-bit bus interface)
●
Dual-panel monochrome STN panels (4-bit and 8-bit bus interface per panel)
●
Single-panel color STN panels, 8-bit bus interface
●
Dual-panel color STN panels, 8-bit bus interface per panel
●
Compliance to the AMBA Specification (Rev 2.0) onwards for easy integration into the
SPEAr MPU device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com