Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2641 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 29Page - STMicroelectronics AN2641 Datasheet HTML 30Page - STMicroelectronics AN2641 Datasheet HTML 31Page - STMicroelectronics AN2641 Datasheet HTML 32Page - STMicroelectronics AN2641 Datasheet HTML 33Page - STMicroelectronics AN2641 Datasheet HTML 34Page - STMicroelectronics AN2641 Datasheet HTML 35Page - STMicroelectronics AN2641 Datasheet HTML 36Page - STMicroelectronics AN2641 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AN2641
Troubleshooting
Doc ID 14027 Rev 1
33/37
8
Troubleshooting
Here are some solutions to common issues that can occur during development of a CLCD
driver.
8.1
Video flickering
Flickering is caused by the CLCD master not having enough bandwidth over the AHB
memory system. In this case you need to configure the priority of the MPMC ports properly.
Solution: The Xloader takes care of this and puts CLCD port at the highest priority.
8.2
Video tearing
When displaying video frames if the rate is not fast enough, then while we can see a new
frame, the disappearing of the old frame can also be perceived by the human eye. Such an
overlapping is known as video tearing.
Solution: In this case you should change the driver implementation and add the dual frame
buffer capability. One buffer will be the current one, while the CPU prepares the second one.
Then the driver should switch the CLCD pointer.
8.3
White screen
If a CLCD application activates the panel at regular intervals then after a certains number of
iterations (this issue has been observed after 20 iternations) a white screen appears and
CLCD hangs unless power down occurs.
Solution: As described in Section 4: Enabling and disabling the CLCD on page 16 , there
two steps required for CLCD activation:
1.
Control signal on
2.
Data signal on.
A small delay (in milliseconds) is required between both to let the control signal stabilize.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com