Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2641 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 13Page - STMicroelectronics AN2641 Datasheet HTML 14Page - STMicroelectronics AN2641 Datasheet HTML 15Page - STMicroelectronics AN2641 Datasheet HTML 16Page - STMicroelectronics AN2641 Datasheet HTML 17Page - STMicroelectronics AN2641 Datasheet HTML 18Page - STMicroelectronics AN2641 Datasheet HTML 19Page - STMicroelectronics AN2641 Datasheet HTML 20Page - STMicroelectronics AN2641 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AN2641
CLCD interrupts
Doc ID 14027 Rev 1
17/37
5
CLCD interrupts
The CLCD interrupt is connected the vectored interrupt controller (VIC) as follows:
●
SPEAR600: IRQ45 (CLCD_INTR)
●
SPEAr300: IRQ30 (generic Interrupt #3 from RAS)
5.1
Interrupt causes
There are 4 kinds of event that can cause an CLCD interrupt:
1.
DMA FIFO underflow:
The FIFO underflow interrupt is asserted when data is requested from an empty DMA
FIFO. Note that the size of the DMA FIFO is 32 words.
Setting Watermark Level bit as 1 will cause this interrupt when DMA FIFO has eight or
more empty locations. Setting Watermark Level bit as 0 will cause this interrupt when
DMA FIFO has four or more empty locations.
The interrupt requests the display data from memory, to fill the FIFO to above the
programmed watermark.
2.
Base address update:
The LCD base address update interrupt is asserted when the 'LCD panel frame buffer
base' values are transferred to the 'Current LCD panel frame buffer base'
incrementors. This signals to the system that it is safe to update the 'LCD panel frame
buffer base' registers with new frame base addresses if required.
This interrupt is mainly used to reprogram the base address when generating double-
buffered video.
3.
Vertical compare:
The vertical compare interrupt is asserted when one of four vertical display regions, is
reached. By setting the following values in the LCD V-comp bit in the Control Register
the interrupt can be generated at the:
00 = Start of vertical synchronization
01 = Start of back porch
10 = Start of active video
11 = Start of front porch
4.
Bus Error:
The master bus error interrupt is asserted when an ERROR response is received by
the master interface during a transaction with a slave. When this error is encountered,
the master interface enters an error state and remains in this state until clearance of the
error has been signaled to it (possibly by the interrupt service routine).
●
A single combined interrupt is asserted if any of the above four interrupt lines is
asserted and each interrupt event is handled respectively by the interrupt service
routine.
5.2
Interrupt related registers
There are four registers which are used for handling Interrupts:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com