Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2641 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 4Page - STMicroelectronics AN2641 Datasheet HTML 5Page - STMicroelectronics AN2641 Datasheet HTML 6Page - STMicroelectronics AN2641 Datasheet HTML 7Page - STMicroelectronics AN2641 Datasheet HTML 8Page - STMicroelectronics AN2641 Datasheet HTML 9Page - STMicroelectronics AN2641 Datasheet HTML 10Page - STMicroelectronics AN2641 Datasheet HTML 11Page - STMicroelectronics AN2641 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CLCD panel programmable parameters
AN2641
8/37
Doc ID 14027 Rev 1
Figure 2 summarizes all the synchronization timings. The horizontal retrace time is the sum
of the horizontal back porch, the horizontal front porch and the horizontal sync width, while
the vertical retrace time is the sum of the vertical back porch, the vertical front porch and the
vertical sync width.
The horizontal front porch is the time from picture to sync and horizontal back porch is the
time from sync to picture.
The vertical front porch is the time from picture to sync and the vertical back porch is the
time from sync to picture.
Figure 2.
CLCD panel layout
2.1.3
Dimension related registers
1.
HBP, 8-bit [31:24] field in the LCD-Timing1 register: specifies the number of pixel
clock periods inserted at the beginning of each line or row of pixels. After the line clock
for the previous line has been de-asserted, the value in HBP counts the number of pixel
clocks to wait before starting the next display line. HBP can generate a delay of 1-256
pixel clock cycles.
2.
HFP, 8-bit [23:16] field in the LCD-Timing1 register: sets the number of pixel clock
intervals at the end of each line or row of pixels, before the LCD line clock is pulsed.
vertical back porch
vertical front porch
vertical sync pulse width
Y-res
horiz
back
porch
horiz
sync
pulse width
horiz
front
porch
X-res



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com