Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2641 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 5Page - STMicroelectronics AN2641 Datasheet HTML 6Page - STMicroelectronics AN2641 Datasheet HTML 7Page - STMicroelectronics AN2641 Datasheet HTML 8Page - STMicroelectronics AN2641 Datasheet HTML 9Page - STMicroelectronics AN2641 Datasheet HTML 10Page - STMicroelectronics AN2641 Datasheet HTML 11Page - STMicroelectronics AN2641 Datasheet HTML 12Page - STMicroelectronics AN2641 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AN2641
CLCD panel programmable parameters
Doc ID 14027 Rev 1
9/37
When a complete line of pixels is transmitted to the LCD driver, the value in HFP counts
the number of pixel clocks to wait before asserting the line clock. HFP can generate a
period of 1-256 pixel clock cycles.
3.
HSW, 8-bit [15:8] field in the LCD-Timing1 register: specifies the pulse width of the
line clock in passive mode, or the horizontal synchronization pulse in active mode.
4.
PPL, 6-bit [7:2] field in the LCD-Timing1 register: is a value that represents between
16 and 1024 PPL. PPL controls how much data is read from the DMA input buffers
through to the gray-scaler as follows:
Actual pixels-per-line = 16 * (PPL + 1)
The Actual pixels-per-line specifies the number of pixels in each line (or row) of the
screen.
5.
VBP, 8-bit [31:24] field, in the LCD-Timing1 register: specifies the number of line
clocks inserted at the beginning of each frame. The VBP count starts just after the
vertical synchronization signal for the previous frame has been negated for active
mode, or the extra line clocks have been inserted as specified by the VSW bit field in
passive mode. After this has occurred, the count value in VBP sets the number of line
clock periods inserted before the next frame. VBP generates from 0-255 extra line clock
cycles.
6.
VFP, 8-bit [23:16] field, in the LCD-Timing1 register: specifies the number of line
clocks to insert at the end of each frame. When a complete frame of pixels is
transmitted to the LCD display, the value in VFP is used to count the number of line
clock periods to wait.
After the count has elapsed, the CLFP vertical synchronization signal, is asserted in
active mode, or extra line clocks are inserted as specified by the VSW bit-field in
passive mode. VFP generates from G0-255 line clock cycles.
7.
VSW, 6-bit [15:10] field, in the LCD-Timing1 register: specifies the pulse width of the
vertical synchronization pulse. The register is programmed with the number of line
clocks in VSync minus one.
8.
LPP, 10-bit [9:0] field, in the LCD-Timing1 register: specifies the total number of
lines or rows on the LCD panel being controlled. LPP has an allowed range 1-1024
lines. The register is programmed with the number of lines per LCD panel minus 1. For
dual panel displays this register is programmed with the number of lines on each of the
upper and lower panels.
2.2
Panel clock source and frequency
CLCD_CLK is a free running reference clock (currently 48 MHz), which drives the CLCD
controller.
CLCP, the output of the panel clock generator, is the CLCD panel clock frequency which
goes from the CLCD controller to the CLCD panel. CLCP can be programmed in the range
from CLCD_CLK/2 to CLCD_CLK/33 to match the BPP data rate of the LCD panel.
If the CLCD panel requires a frequency outside this range (CLCD_CLK/2 to
CLCD_CLK/33), then an alternative route is to use another clock source (for example PLL2
or AHB) instead of CLCD_CLK and use a prescaler to obtain the desired frequency.
●
One choice is to select the AHB as input clock. This can be done just using software
modifications. You can select the AHB clock source using the CLKSEL bit and can
divide the AHB frequency using the PCD bits. All these registers are described in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com