Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2641 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 10Page - STMicroelectronics AN2641 Datasheet HTML 11Page - STMicroelectronics AN2641 Datasheet HTML 12Page - STMicroelectronics AN2641 Datasheet HTML 13Page - STMicroelectronics AN2641 Datasheet HTML 14Page - STMicroelectronics AN2641 Datasheet HTML 15Page - STMicroelectronics AN2641 Datasheet HTML 16Page - STMicroelectronics AN2641 Datasheet HTML 17Page - STMicroelectronics AN2641 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
CLCD controller dataflow
AN2641
14/37
Doc ID 14027 Rev 1
activity of the addressed pixels over a programmed number of frames to provide the
effective display appearance.
●
For TFT displays, either an addressed palette value or true color value is passed
directly to the output display drivers, always bypassing the grey scale algorithm logic.
Three major components of the data flow are:
1.
Pixel Serializer, this block reads the 32-bit wide LCD data from output port of the DMA
FIFO and extracts 24, 16, 8, 4, 2 or 1 BPP data, depending on the current mode of
operation. The CLCD controller supports big endian, little endian and WinCE data
formats.
Dependent upon the operation mode, the extracted data may be used to point to a
color/gray scale value in the palette RAM or may actually be a true color value that can
be directly applied to an LCD panel.
2.
Palette RAM is a 256 x 16 bit dual port RAM (physically structured as 128 x 32 bits)
with independent controls and addresses for each port. Port1 is used as a read/write
port and is connected to the AMBA AHB slave interface. The palette entries can be
written and verified through this port. Port2 is used as a read-only port and is
connected to the gray scalar.
Table 2 shows the bit representation of each word in the palette.
3.
A gray scale algorithm drives mono and color STN panels. This provides 15 gray
scales for mono displays. In the case of STN color displays, the three color components
(RGB) are gray scaled simultaneously which results in 3375 (15 x 15 x 15) available
colors. The gray scalar transforms each 4-bit gray value into a sequence of activity-per-
pixel over several frames to give the representation of gray scales and colors.
Table 2.
Palette data storage
Bit
Name
Description
[31]
I
Intensity/unused
[30:26]
B [4:0]
Blue palette data
[25:21]
G [4:0]
Green palette data
[20:16]
R [4:0]
Red palette data
[15]
I
Intensity/unused
[14:10]
B [4:0]
Blue palette data
[9:5]
G [4:0]
Green palette data
[4:0]
R [4:0]
Red palette data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com