Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2641 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2641 Datasheet HTML 3Page - STMicroelectronics AN2641 Datasheet HTML 4Page - STMicroelectronics AN2641 Datasheet HTML 5Page - STMicroelectronics AN2641 Datasheet HTML 6Page - STMicroelectronics AN2641 Datasheet HTML 7Page - STMicroelectronics AN2641 Datasheet HTML 8Page - STMicroelectronics AN2641 Datasheet HTML 9Page - STMicroelectronics AN2641 Datasheet HTML 10Page - STMicroelectronics AN2641 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AN2641
CLCD panel programmable parameters
Doc ID 14027 Rev 1
7/37
2
CLCD panel programmable parameters
To allow the CLCD controller to interface with the CLCD panel you intend to use in your
application, you have to program a set of parameters, which varies according to the type of
CLCD. For example, some parameters depend upon CLCD dimensions and
synchronization, other parameters depend on the CLCD clock source and frequency, or the
display panel type.
2.1
Panel dimensions
This section describes the parameters and the corresponding registers that depend on the
LCD dimensions: X and Y resolution, vertical and horizontal synchronization.
2.1.1
X and Y resolution
The entire screen of CLCD is composed of pixels, each pixel a single dot. The number of
pixels along the horizontal axis forms the X-resolution and the number of pixels along the
vertical axis make up the Y-resolution. X-resolution and Y-resolution are also known
respectively as the number of pixels per line and the number of lines per panel.
Figure 1.
A basic CLCD panel
One common example is a 480 x 272 CLCD panel, which has 480 pixels horizontally and
272 pixels vertically.
2.1.2
Synchronization parameters
To draw any image on a CLCD panel, the screen is first scanned left to right is scanned and
then the screen is scanned top to bottom. After each scan-line, the electron beam has to
move back to the left side of the screen and to the next line, this is called the horizontal
retrace. After the whole screen (frame) is painted, the beam moves back to the upper left
corner, this is called the vertical retrace.
Since the CLCD panel does not know when a new scan-line starts, the CLCD controller
generates a synchronization pulse (Horizontal Sync Width) for each scan-line. Similarly, it
supplies a synchronization pulse (Vertical Sync Width) for each new frame. The position of
the image on the screen is controlled by the timing of the synchronization pulses.
X-resolution
Y-res
olution
(0.0)
(0.X)
(X,Y)
(0,Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com