| Electronic Components Datasheet Search |
|
AN2641 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2641 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 37 page ![]() CLCD panel programmable parameters AN2641 10/37 Doc ID 14027 Rev 1 next section. Using this technique it is possible to generate a frequency of AHB/2, AHB/3, and AHB/4...etc. for CLCP. ● Another choice is to use PLL2. The connection is shown in Figure 3. – In SPEAr600 the PLL2 output frequency can be taken directly from the clock synthesizer. – In SPEAr300, an additional connection at board level is required: GPIO (1) must be shorted to PL_CLK3. Figure 3. PLL2 connection for CLCD clock 2.2.1 Clock related registers 1. CLKSEL, bit [5] in the LCD-timing-2 register, drives CLCDCLKSEL which is the select signal for the external LCD clock multiplexer. 2. Clocks per Line (CPL) field [25:16] in the LCD-Timing2 register, specifies the number of actual CLCP clocks for each line of the LCD panel. This is the number of PPL divided by 1 for TFT displays. 3. Panel Clock Divisor (PCD), bits [31:27] & [4:0] in the LCD-Timing2 register, is used to derive the LCD panel clock frequency CLCP from the CLCDCLK frequency as follows: CLCP = CLCDCLK / (PCD+2) For TFT, the PCD can be bypassed by setting the BCD bit. 4. Bypass pixel clock divider (BCD), bit [26] in the LCD-Timing2 register. Setting this to 1 bypasses the PCD logic. This is mainly used for TFT displays. 5. Invert Output Enable (IOE) bit [14] in the LCD-Timing2 register, used to select the active polarity of the output enable signal in TFT mode. In this mode, the CLAC pin is RAS ARM Clock synthesizer Pll1 Pll2 DDR Control ler PL_CLK3 GPIO(1) CLCD clock |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |