Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2641 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2641
Description  Using the color LCD controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2641 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2641 Datasheet HTML 1Page - STMicroelectronics AN2641 Datasheet HTML 2Page - STMicroelectronics AN2641 Datasheet HTML 3Page - STMicroelectronics AN2641 Datasheet HTML 4Page - STMicroelectronics AN2641 Datasheet HTML 5Page - STMicroelectronics AN2641 Datasheet HTML 6Page - STMicroelectronics AN2641 Datasheet HTML 7Page - STMicroelectronics AN2641 Datasheet HTML 8Page - STMicroelectronics AN2641 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
October 2009
Doc ID 14027 Rev 1
1/37
AN2641
Application note
Using the color LCD controller (CLCD)
in the SPEAr embedded MPU family
Introduction
The SPEAr embedded MPU family is family of configurable MPUs, based on the ARM926
CPU core. Several members the SPEAr MPU family have an embedded ARM PL-110 Color-
LCD controller (CLCD). This Application Note describes how to configure and operate any
type of color LCD with the CLCD controller and provides application developers with
troubleshooting information on common integration issues.
Color display devices play an important role in any embedded system, since usually
displays are the most visible output devices.
In SPEAr, the CLCD is connected internally to the AHB bus and acts as a bus master-slave
module. The CLCD performs translation of pixel-coded data into the required formats and
timings to drive a variety of single/dual mono and color STN as well as color TFT LCD
displays. The CLCD fetches the data for display from a frame buffer and uses its own
dedicated DMA controller to transfer the display data to the LCD panel.
www.st.com


Similar Part No. - AN2641

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2640 STMICROELECTRONICS-AN2640 Datasheet
1Mb / 36P
Intelligent multipower digital ballast for fluorescent lamps
28-Jan-2008
logo
List of Unclassifed Man...
AN2640K ETC-AN2640K Datasheet
301Kb / 4P
VHD VIDEO DISC PLAYER CHROMA AND LUMINANCE PROCESSING CIRCUIT
logo
STMicroelectronics
AN2644 STMICROELECTRONICS-AN2644 Datasheet
1Mb / 64P
An introduction to LLC resonant
15-Sep-2008
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
Migration and compatibility guidelines for STM8S microcontroller applications
06-Mar-2009
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
Smartcard interface with the STM8S microcontroller
19-Aug-2008
More results

Similar Description - AN2641

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
S1D13506 EPSON-S1D13506 Datasheet
5Mb / 696P
S1D13506 Color LCD/CRT/TV Controller
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
Color Graphics LCD/CRT Controller
logo
Sitronix Technology Co....
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
65K Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
4K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
AN2442 STMICROELECTRONICS-AN2442 Datasheet
227Kb / 22P
Using the STR91xFA DMA controller
02-Jun-2008
AN4104 STMICROELECTRONICS-AN4104 Datasheet
96Kb / 13P
Using the STM32F0xx DMA controller
02-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com